Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX6219 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TMUX6219 Datasheet PDF - Texas Instruments
Part # TMUX6219
Download  TMUX6219 Download
File Size   2006.29 Kbytes
Page   43 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMUX6219 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic

TMUX6219 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMUX6219 Datasheet PDF - Texas Instruments

Part # TMUX6219
Download  TMUX6219 Click to download

File Size   2006.29 Kbytes
Page   43 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMUX6219 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic

TMUX6219 Datasheet (HTML) - Texas Instruments


TMUX6219 Product details

1 Features
• Dual supply range: ±4.5 V to ±18 V
• Single supply range: 4.5 V to 36 V
• Low on-resistance: 2.1 Ω
• Low charge injection: -10 pC
• High current support: 330 mA (maximum)
(VSSOP)
• High current support: 440 mA (maximum) (WSON)
• –40°C to +125°C operating temperature
• 1.8 V logic compatible
• Fail-safe logic
• Rail-to-rail operation
• Bidirectional signal path
• Break-before-make switching

2 Applications
• Factory automation and industrial controls
• Programmable logic controllers (PLC)
• Analog input modules
• Semiconductor test
• AC charging (Pile) station
• Ultrasound scanners
• Patient monitoring and diagnostics
• Optical networking
• Optical test equipment
• Remote radio units
• Wired networking
• Data acquisition systems
• Gas meters
• Flow transmitters

3 Description
The TMUX6219 is a complementary metal-oxide
semiconductor (CMOS) switch in a single channel, 2:1
(SPDT) configuration. The device works with single
supply (4.5 V to 36 V), dual supplies (±4.5 V to ±18
V), or asymmetric supplies (such as VDD = 5 V, VSS
= −8 V). The TMUX6219 supports bidirectional analog
and digital signals on the source (Sx) and drain (D)
pins ranging from VSS to VDD.
The TMUX6219 can be enabled or disabled by
controlling the EN pin. When disabled, both signal
path switches are off. When enabled, the SEL pin
can be used to turn on signal path 1 (S1 to D) or
signal path 2 (S2 to D). All logic control inputs support
logic levels from 1.8 V to VDD, ensuring both TTL and
CMOS logic compatibility when operating in the valid
supply voltage range. Fail-Safe Logic circuitry allows
voltages on the control pins to be applied before
the supply pin, protecting the device from potential
damage.
The TMUX6219 is part of the precision switches and
multiplexers family of devices. These devices have
very low on and off leakage currents and low charge
injection, allowing them to be used in high precision
measurement applications.




Similar Part No. - TMUX6219

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX6219 TI-TMUX6219 Datasheet
750Kb / 20P
TMUX6219 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
TMUX6219 TI-TMUX6219 Datasheet
1Mb / 30P
TMUX6219-Q1 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
TMUX6219 TI-TMUX6219 Datasheet
2Mb / 46P
TMUX6219 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
REVISED AUGUST 2022
TMUX6219 TI2-TMUX6219 Datasheet
2Mb / 52P
TMUX6219 36V, Low Ron, 2:1 (SPDT) Switch with 1.8V Logic
REVISED JULY 2024
TMUX6219-Q1 TI-TMUX6219-Q1 Datasheet
1Mb / 30P
TMUX6219-Q1 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
More results


Similar Description - TMUX6219

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX6219 TI-TMUX6219 Datasheet
750Kb / 20P
TMUX6219 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
TMUX6219-Q1 TI-TMUX6219-Q1 Datasheet
1Mb / 30P
TMUX6219-Q1 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
TMUX1248 TI-TMUX1248 Datasheet
1Mb / 30P
TMUX1248 3-廓 Low RON, 5-V, 2:1 (SPDT) General Purpose Switch with 1.8-V Logic
TMUX6236 TI-TMUX6236 Datasheet
1Mb / 34P
TMUX6236 36 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch with 1.8 V Logic
APRIL 2022
TMUX6236 TI-TMUX6236_V01 Datasheet
2Mb / 41P
TMUX6236 36 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With 1.8 V Logic
REVISED JULY 2022
TMUX6219 TI-TMUX6219_V02 Datasheet
2Mb / 46P
TMUX6219 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
REVISED AUGUST 2022
TMUX6201 TI-TMUX6201 Datasheet
1Mb / 41P
TMUX620x 36 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With 1.8-V Logic
REVISED MARCH 2023
TMUX6221 TI-TMUX6221 Datasheet
1Mb / 36P
TMUX622x 36 V, Low-RON, 1:1 (SPST), 2-Channel Switches with 1.8-V Logic
MARCH 2023
TMUX6221 TI-TMUX6221_V01 Datasheet
1Mb / 35P
TMUX622x 36 V, Low-RON, 1:1 (SPST), 2-Channel Switches with 1.8-V Logic
REVISED SEPTEMBER 2023
TMUX6236 TI1-TMUX6236_V02 Datasheet
2Mb / 46P
TMUX6236 36 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With 1.8 V Logic
DECEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com