Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7219 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TMUX7219 Datasheet PDF - Texas Instruments
Part # TMUX7219
Download  TMUX7219 Download
File Size   2028.16 Kbytes
Page   43 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMUX7219 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic

TMUX7219 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMUX7219 Datasheet PDF - Texas Instruments

Part # TMUX7219
Download  TMUX7219 Click to download

File Size   2028.16 Kbytes
Page   43 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMUX7219 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic

TMUX7219 Datasheet (HTML) - Texas Instruments


TMUX7219 Product details

1 Features
• Latch-up immune
• Dual supply range: ±4.5 V to ±22 V
• Single supply range: 4.5 V to 44 V
• Low on-resistance: 2.1 Ω
• Low charge injection: −10 pC
• High current support: 330 mA (maximum)
(VSSOP)
• High current support: 440 mA (maximum) (WSON)
• –40°C to +125°C operating temperature
• 1.8 V logic compatible
• Fail-safe logic
• Rail-to-rail operation
• Bidirectional signal path
• Break-before-make switching

2 Applications
• Factory automation and industrial controls
• Programmable logic controllers (PLC)
• Analog input modules
• Semiconductor test
• AC charging (Pile) station
• Ultrasound scanners
• Patient monitoring and diagnostics
• Optical networking
• Optical test equipment
• Remote radio units
• Wired networking
• Data acquisition systems
• Gas meters
• Flow transmitters

3 Description
The TMUX7219 is a complementary metal-oxide
semiconductor (CMOS) switch with latch-up immunity
in a single channel, 2:1 (SPDT) configuration. The
device works with a single supply (4.5 V to 44 V), dual
supplies (±4.5 V to ±22 V), or asymmetric supplies
(such as VDD = 12 V, VSS = –5 V). The TMUX7219
supports bidirectional analog and digital signals on the
source (Sx) and drain (D) pins ranging from VSS to
VDD.
The TMUX7219 can be enabled or disabled by
controlling the EN pin. When disabled, both signal
path switches are off. When enabled, the SEL pin
can be used to turn on signal path 1 (S1 to D) or
signal path 2 (S2 to D). All logic control inputs support
logic levels from 1.8 V to VDD, ensuring both TTL and
CMOS logic compatibility when operating in the valid
supply voltage range. Fail-Safe Logic circuitry allows
voltages on the control pins to be applied before
the supply pin, protecting the device from potential
damage.
The TMUX72xx family provides latch-up immunity,
preventing undesirable high current events between
parasitic structures within the device typically caused
by overvoltage events. A latch-up condition typically
continues until the power supply rails are turned off
and can lead to device failure. The latch-up immunity
feature allows the TMUX72xx family of switches and
multiplexers to be used in harsh environments.




Similar Part No. - TMUX7219

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7219 TI-TMUX7219 Datasheet
2Mb / 38P
TMUX7219 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
TMUX7219 TI-TMUX7219 Datasheet
1Mb / 31P
TMUX7219-Q1 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
TMUX7219 TI-TMUX7219 Datasheet
2Mb / 46P
TMUX7219 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
REVISED AUGUST 2022
TMUX7219 TI2-TMUX7219 Datasheet
2Mb / 51P
TMUX7219 44V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8V Logic
REVISED JULY 2024
TMUX7219-Q1 TI-TMUX7219-Q1 Datasheet
1Mb / 31P
TMUX7219-Q1 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
More results


Similar Description - TMUX7219

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7219 TI-TMUX7219 Datasheet
2Mb / 38P
TMUX7219 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
TMUX7208 TI-TMUX7208 Datasheet
2Mb / 42P
TMUX7208 44-V, Latch-Up Immune, 8:1 Precision Multiplexer with 1.8-V Logic
TMUX7219-Q1 TI-TMUX7219-Q1 Datasheet
1Mb / 31P
TMUX7219-Q1 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
TMUX7208 TI-TMUX7208_V01 Datasheet
3Mb / 51P
TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
TMUX7208 TI-TMUX7208_V02 Datasheet
3Mb / 51P
TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
TMUX7236 TI-TMUX7236 Datasheet
1Mb / 35P
TMUX7236 44 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch with Latch-Up Immunity and 1.8 V Logic
MARCH 2022
TMUX7219M TI-TMUX7219M Datasheet
1Mb / 38P
TMUX7219M 44-V, Latch-Up Immune, Extended Temperature, 2:1 (SPDT) Precision Switch with 1.8-V Logic
MAY 2022
TMUX7236 TI-TMUX7236_V01 Datasheet
2Mb / 41P
TMUX7236 44 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With Latch-Up Immunity and 1.8 V Logic
REVISED JULY 2022
TMUX7219 TI-TMUX7219_V02 Datasheet
2Mb / 46P
TMUX7219 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
REVISED AUGUST 2022
TMUX7236 TI1-TMUX7236_V02 Datasheet
2Mb / 45P
TMUX7236 44 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With Latch-Up Immunity and 1.8 V Logic
REVISED DECEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com