Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2012D2 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPA2012D2 Datasheet PDF - Texas Instruments
Part # TPA2012D2
Download  TPA2012D2 Download
File Size   1903.6 Kbytes
Page   40 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC

TPA2012D2 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPA2012D2 Datasheet PDF - Texas Instruments

Part # TPA2012D2
Download  TPA2012D2 Click to download

File Size   1903.6 Kbytes
Page   40 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC

TPA2012D2 Datasheet (HTML) - Texas Instruments


TPA2012D2 Product details

1 Features
• Built-In SpeakerGuardTM Automatic Gain Control
(AGC) with Enhanced Battery Tracking
– Limits Battery Current Consumption
– Prevents Audio Clipping
• 2 W into 8 Ω Load From 3.6 V Supply (6% THD)
• Integrated Adaptive Boost Converter
– Increases Efficiency at Low Output Power
• Low Quiescent Current of 1.7 mA from 3.6 V
• Operates From 2.5 V to 5.2 V
• Thermal and Short-Circuit Protection with Auto
Recovery
• Three Gain Settings: 6 dB, 15.5 dB, and 20 dB
• Independent Control for Boost and Class-D
• Pin-to-Pin Compatible with TPA2013D1
• Available in 1.954 mm × 1.954 mm 16-ball DSBGA
Package

2 Applications
• Cell Phones, PDA, GPS
• Portable Electronics and Speakers

3 Description
The TPA2015D1 is a high efficiency Class-D audio
power amplifier with battery-tracking SpeakerGuard™
AGC technology and an integrated adaptive boost
converter that enhances efficiency at low output
power. It drives up to 2 W into an 8 Ω speaker (6%
THD). With 85% typical efficiency, the TPA2015D1
helps extend battery life when playing audio.
The built-in boost converter generates a 5.5 V
supply voltage for the Class-D amplifier. This
provides a louder audio output than a stand-alone
amplifier directly connected to the battery. The
SpeakerGuardTM AGC adjusts the Class-D gain to
limit battery current and prevent heavy clipping.
The TPA2015D1 has an integrated low-pass filter to
improve the RF rejection and reduce DAC out-of-band
noise, increasing the signal to noise ratio (SNR).
The TPA2015D1 is available in a space saving 1.954
mm × 1.954 mm, 0.5 mm pitch DSBGA package
(YZH).




Similar Part No. - TPA2012D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2012D2 TI-TPA2012D2 Datasheet
431Kb / 15P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2 Datasheet
757Kb / 20P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI1-TPA2012D2 Datasheet
1Mb / 33P
2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
TPA2012D2 TI2-TPA2012D2 Datasheet
935Kb / 43P
TPA2026D2 3.2-W/Ch Stereo Class-D Audio Amplifier With Fast Gain Ramp SmartGain™ Automatic Gain Control and Dynamic Range Compression
REVISED MAY 2016
TPA2012D2RTJ TI-TPA2012D2RTJ Datasheet
757Kb / 20P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Similar Description - TPA2012D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2015D1 TI-TPA2015D1 Datasheet
871Kb / 25P
2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_10 Datasheet
1,022Kb / 27P
2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_11 Datasheet
1Mb / 28P
2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2015D1 TI-TPA2015D1_15 Datasheet
760Kb / 26P
2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
logo
Diodes Incorporated
PAM8905 DIODES-PAM8905 Datasheet
565Kb / 9P
1.9W Class-D Audio Amplifier with Integrated Boost Converter and Battery Tracking AGC
Rev 2
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com