Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIW-166K3 Datasheet (PDF) - Advantech Co., Ltd.

AIW-166K3 Datasheet PDF - Advantech Co., Ltd.
Part # AIW-166K3
Download  AIW-166K3 Download
File Size   397.35 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description Intel® Wireless 6E AX210 (No vPro) M.2 2230 A-E Key module with cables and antennas

AIW-166K3 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIW-166K3 Datasheet PDF - Advantech Co., Ltd.

Part # AIW-166K3
Download  AIW-166K3 Click to download

File Size   397.35 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description Intel® Wireless 6E AX210 (No vPro) M.2 2230 A-E Key module with cables and antennas

AIW-166K3 Datasheet (HTML) - Advantech Co., Ltd.


AIW-166K3 Product details

Features
ƒ IEEE 802.11 ax/ac/a/b/g/n (2.4GHz/5GHz/6GHz) + Bluetooth 5.3
ƒ 2Tx/2Rx
ƒ WPA2*, WPA3*
ƒ 802.1x EAP-TLS, EAP-TTLS/MSCHAPv2, PEAPv0-MSCHAPv2 (EAP-SIM,
EAP-AKA, EAP-AKA')
ƒ Supports wide operating temperatures (-40~85°C / -40~185°F)
ƒ Supports Windows 10*, Linux*, and Chrome OS*
ƒ Wi-Fi 6 technology with 1024QAM and 160Mhz channels




Similar Part No. - AIW-166K3

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIW-166K1 ADVANTECH-AIW-166K1 Datasheet
397Kb / 1P
Intel® Wireless 6E AX210 (No vPro) M.2 2230 A-E Key module with cables and antennas
6-Jul-2022
AIW-166K2 ADVANTECH-AIW-166K2 Datasheet
392Kb / 1P
Intel® Wireless 6E AX210 (Vpro) M.2 2230 A-E Key module with cables and antennas
10-Mar-2022
AIW-166K4 ADVANTECH-AIW-166K4 Datasheet
397Kb / 1P
Intel® Wireless 6E AX210 (Vpro) M.2 2230 A-E Key module with cables and antennas
6-Jul-2022
More results


Similar Description - AIW-166K3

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EWM-W162M2 ADVANTECH-EWM-W162M2_V01 Datasheet
297Kb / 1P
802.11 ac/a/b/g/n Bluetooth 4.2 M.2 2230 (E-Key) Card
24-Oct-2018
EWM-W195M2 ADVANTECH-EWM-W195M2 Datasheet
276Kb / 1P
802.11 ac/a/b/g/n Bluetooth 4.2 M.2 2230 (A-E Key) Card
21-Sep-2018
AIW-166K1 ADVANTECH-AIW-166K1 Datasheet
397Kb / 1P
Intel® Wireless 6E AX210 (No vPro) M.2 2230 A-E Key module with cables and antennas
6-Jul-2022
AIW-166K4 ADVANTECH-AIW-166K4 Datasheet
397Kb / 1P
Intel® Wireless 6E AX210 (Vpro) M.2 2230 A-E Key module with cables and antennas
6-Jul-2022
AIW-163BR ADVANTECH-AIW-163BR Datasheet
312Kb / 1P
IEEE 802.11ax/ac/a/b/g/n Bluetooth 5.2 M.2 2230 (A-E Key) Card
15-Apr-2022
logo
Intel Corporation
AX210 INTEL-AX210 Datasheet
184Kb / 3P
Intel® Wi-Fi6E AX210 (Gig) Module
logo
Advantech Co., Ltd.
EWM-W157M2 ADVANTECH-EWM-W157M2 Datasheet
438Kb / 1P
802.11 ac/a/b/g/n Bluetooth 4.2 M.2 2230 (A-E Key) Card
23-Sep-2019
EWM-W159M2 ADVANTECH-EWM-W159M2 Datasheet
280Kb / 1P
802.11 ac/a/b/g/n Bluetooth 5.0 M.2 2230 (A-E Key) Card
7-Apr-2022
EWM-W192K2 ADVANTECH-EWM-W192K2 Datasheet
621Kb / 1P
Intel Wireless AC9260(vPro) M.2 2230 module card with cables and antenna kit
21-Oct-2021
EWM-W194 ADVANTECH-EWM-W194 Datasheet
385Kb / 1P
802.11ac/a/b/g/n and BT 5.0 M.2 2230 Module
15-Feb-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com