Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPS240 Datasheet (PDF) - Bourns Electronic Solutions

BPS240 Datasheet PDF - Bourns Electronic Solutions
Part # BPS240
Download  BPS240 Download
File Size   1108.42 Kbytes
Page   11 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description BPS240 Series - 2 mm Humidity Sensor

BPS240 Datasheet (PDF)

Go To PDF Page Download Datasheet
BPS240 Datasheet PDF - Bourns Electronic Solutions

Part # BPS240
Download  BPS240 Click to download

File Size   1108.42 Kbytes
Page   11 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description BPS240 Series - 2 mm Humidity Sensor

BPS240 Datasheet (HTML) - Bourns Electronic Solutions


BPS240 Product details

Features
Low voltage operation
Low current consumption
Fast response time
I2C communication protocol
Reliable capacitive technology
Relative humidity accuracy of ±2 %(Typical)

Applications
Industrial:
HVAC systems
Process monitoring
Climate monitoring, interior and exterior
**Medical Devices (low/medium risk):Diagnostic equipment
Analysis equipment




Similar Part No. - BPS240

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BPS2-08-00 ETC2-BPS2-08-00 Datasheet
293Kb / 6P
BIAS 2 Watt Power Supply BPS 2 Series
BPS2-08-33 ETC2-BPS2-08-33 Datasheet
293Kb / 6P
BIAS 2 Watt Power Supply BPS 2 Series
BPS2-08-50 ETC2-BPS2-08-50 Datasheet
293Kb / 6P
BIAS 2 Watt Power Supply BPS 2 Series
BPS2-14-00 ETC2-BPS2-14-00 Datasheet
293Kb / 6P
BIAS 2 Watt Power Supply BPS 2 Series
BPS2-14-33 ETC2-BPS2-14-33 Datasheet
293Kb / 6P
BIAS 2 Watt Power Supply BPS 2 Series
More results


Similar Description - BPS240

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
232269190001 VISHAY-232269190001 Datasheet
122Kb / 1P
Humidity Sensor
10-Oct-03
logo
Humirel
HS1101LF HUMIREL-HS1101LF Datasheet
242Kb / 4P
RELATIVE HUMIDITY SENSOR
logo
RFE international
HCZ-H6 RFE-HCZ-H6 Datasheet
215Kb / 2P
HUMIDITY SENSOR
logo
TDK Electronics
CHS-CGC5-28 TDK-CHS-CGC5-28 Datasheet
175Kb / 11P
Humidity Sensor
logo
Amphenol Corporation
HS30P AMPHENOL-HS30P Datasheet
195Kb / 4P
Humidity sensor
logo
Vishay Siliconix
238169190001 VISHAY-238169190001 Datasheet
135Kb / 2P
Humidity Sensor
24-Jun-09
logo
ALPS ELECTRIC CO.,LTD.
HSHCAA006A ALPS-HSHCAA006A Datasheet
356Kb / 10P
Humidity Sensor
HSHCAA106E ALPS-HSHCAA106E Datasheet
331Kb / 7P
Humidity Sensor
HSHCAA114A ALPS-HSHCAA114A Datasheet
1Mb / 7P
Humidity Sensor
logo
Bourns Electronic Solut...
BPS230 BOURNS-BPS230 Datasheet
841Kb / 9P
2 mm Humidity Sensor
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com