Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAY10A-AS Datasheet (PDF) - Bourns Electronic Solutions

CAY10A-AS Datasheet PDF - Bourns Electronic Solutions
Part # CAY10A-AS
Download  CAY10A-AS Download
File Size   815.57 Kbytes
Page   6 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description CAY10A-AS Series – Sulfur-resistant Thick Film Chip Arrays

CAY10A-AS Datasheet (PDF)

Go To PDF Page Download Datasheet
CAY10A-AS Datasheet PDF - Bourns Electronic Solutions

Part # CAY10A-AS
Download  CAY10A-AS Click to download

File Size   815.57 Kbytes
Page   6 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description CAY10A-AS Series – Sulfur-resistant Thick Film Chip Arrays

CAY10A-AS Datasheet (HTML) - Bourns Electronic Solutions


CAY10A-AS Product details

Features
RoHS compliant*
Convex terminal style
2/4 isolated elements available
Resistance tolerance: 5 %
Sulfur-resistant design
Resistance range: 3 Ω to 1 MΩ and zero jumper
AEC-Q200 compliant




Similar Part No. - CAY10A-AS

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CAY10A-000J2LF BOURNS-CAY10A-000J2LF Datasheet
826Kb / 6P
CAY10A-LF Series – Thick Film Chip Arrays
03/21
CAY10A-103J2LF BOURNS-CAY10A-103J2LF Datasheet
826Kb / 6P
CAY10A-LF Series – Thick Film Chip Arrays
03/21
CAY10A-103J4LF BOURNS-CAY10A-103J4LF Datasheet
826Kb / 6P
CAY10A-LF Series – Thick Film Chip Arrays
03/21
CAY10A-LF BOURNS-CAY10A-LF Datasheet
826Kb / 6P
CAY10A-LF Series – Thick Film Chip Arrays
03/21
CAY10A-XXXJ2LF BOURNS-CAY10A-XXXJ2LF Datasheet
826Kb / 6P
CAY10A-LF Series – Thick Film Chip Arrays
03/21
More results


Similar Description - CAY10A-AS

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRCAS NIC-NRCAS Datasheet
320Kb / 5P
Sulfur Resistant Thick Film Chip Resistors
NRCS NIC-NRCS Datasheet
112Kb / 4P
Sulfur Resistant Thick Film Chip Resistors
logo
Bourns Electronic Solut...
CAY06-AS BOURNS-CAY06-AS Datasheet
429Kb / 2P
Sulfur-Resistant Thick Film Chip Arrays
CAY10-AS BOURNS-CAY10-AS Datasheet
582Kb / 3P
Sulfur-Resistant Thick Film Chip Arrays
CR0402-AS BOURNS-CR0402-AS Datasheet
406Kb / 2P
Sulfur-Resistant Thick Film Chip Resistors
CR0603-AS BOURNS-CR0603-AS Datasheet
412Kb / 2P
Sulfur-Resistant Thick Film Chip Resistors
logo
Vishay Siliconix
RCAE3 VISHAY-RCAE3_V01 Datasheet
160Kb / 10P
Sulfur Resistant Thick Film Chip Resistors
04-Jul-2022
logo
Bourns Electronic Solut...
CAY10A-LF BOURNS-CAY10A-LF Datasheet
826Kb / 6P
CAY10A-LF Series – Thick Film Chip Arrays
03/21
CAY16A-AS BOURNS-CAY16A-AS Datasheet
780Kb / 6P
CAY16A-AS Series – Sulfur-resistant Thick Film Chip Arrays
03/21
logo
Stackpole Electronics, ...
RMCS SEI-RMCS Datasheet
434Kb / 6P
Sulfur Resistant Thick Film Chip Resistor
7/5/2022
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com