Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8376 Datasheet (PDF) - Analog Devices

LT8376 Datasheet PDF - Analog Devices
Part # LT8376
Download  LT8376 Download
File Size   1065.61 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 60V, 2A Silent Switcher Synchronous Step-Down LED Driver

LT8376 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT8376 Datasheet PDF - Analog Devices

Part # LT8376
Download  LT8376 Click to download

File Size   1065.61 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 60V, 2A Silent Switcher Synchronous Step-Down LED Driver

LT8376 Datasheet (HTML) - Analog Devices


LT8376 Product details

DESCRIPTION
Evaluation board EVAL-LT8376-AZ is a 60V, 2A synchronous
Buck LED driver featuring the LT®8376. EVALLT8376-
AZ drives a single string of LEDs up to 36V at
1.5A when VIN is between 43V and 57V. EVAL-LT8376-AZ
has an undervoltage lockout (UVLO) set at 40V with 2V
hysteresis for turn-on. EVAL-LT8376-AZ runs at 350kHz
switching frequency and features optional spread spectrum
modulation (SSFM). With SSFM enabled, LT8376
modulates its switching frequency from fSW to fSW + 25%
to reduce EMI emissions.
The LT8376 has an input voltage range of 3.6V to 60V.
LT8376 has internal, synchronous 60V switches for
high efficiency and small size. LT8376 has an adjustable
switching frequency between 200kHz and 2MHz. The
LT8376 can be synchronized with an external clock source
or configured with SSFM enabled for low EMI. EVALLT8376-
AZ includes a SYNC/SSFM jumper to configure
the LT8376 for either external frequency synchronization,
SSFM enabled for low EMI, or set to normal operation
with SSFM disabled.
The LT8376’s integrated PWMTG high-side PMOS driver
assists with PWM dimming of the connected LEDs. The
LED string can be PWM dimmed for accurate brightness
control with an externally generated PWM signal or an
internally-generated PWM signal. EVAL-LT8376-AZ has
jumpers that can be set to switch between internally-generated
PWM signal, externally generated PWM signal, and
100% on with no PWM signal. The LT8376 can also be
analog dimmed by placing a controllable DC voltage on
the CTRL pin. When running PWM dimming with SSFM
enabled, the SSFM aligns itself with the PWM signal for
flicker-free operation of the LED string. This applies to
both internal and external PWM dimming.
Small ceramic input and output capacitors are used to
save space and cost. The input and output filters on
EVAL-LT8376-AZ reduce its EMI. The filters consist of a
small ferrite bead or inductor and high frequency ceramic
capacitors. These filters, combined with proper board
layout and SSFM, are very effective in reducing EMI to
comply with CISPR25 class 5 limits. Please follow the
recommended layout and the four-layer PCB thickness of
EVAL-LT8376-AZ. For best efficiency and PWM dimming
performance, the EMI filters at the input and output can
be removed.
The open LED overvoltage protection (OVP) uses the IC’s
constant voltage regulation loop to regulate the output to
approximately 41V if the LED string is opened. The output
current can be monitored through the ISMON pin. Also,
the FAULT pin can be used for open and short detection.
The input undervoltage lockout (UVLO), LED current,
output overvoltage protection (OVP), and switching frequency,
can all be easy adjusted with simple modifications
to EVAL-LT8376-AZ.
The LT8376 data sheet gives a complete description of the
device, operation, and applications information. The data
sheet must be read in conjunction with this demo manual
for evaluation board EVAL-LT8376-AZ. The LT8376RV
is assembled in a 28-lead plastic LQFN package with a
thermally enhanced exposed ground pad. Proper board
layout is essential for maximum performance. See the
data sheet section “Designing the Printed Circuit Board”.




Similar Part No. - LT8376

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8376 AD-LT8376 Datasheet
1Mb / 22P
36V, 4A Synchronous Step-Down LED Driver with Silent Switcher
More results


Similar Description - LT8376

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8614 LINER-LT8614 Datasheet
252Kb / 6P
42V, 4A Micropower Synchronous Step-Down Silent Switcher
LT8640 LINER-LT8640 Datasheet
295Kb / 6P
42V, 5A Micropower Synchronous Step-Down Silent Switcher
LT8646S LINER-LT8646S Datasheet
570Kb / 8P
65V, 8A Synchronous Step-Down Silent Switcher 2
LT8642S LINER-LT8642S Datasheet
1Mb / 26P
18V, 10A Synchronous Step-Down Silent Switcher 2
logo
Analog Devices
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
42V, 6A Synchronous Step-Down Silent Switcher
LTC3309A AD-LTC3309A Datasheet
2Mb / 24P
5V, 6A Synchronous Step-Down Silent Switcher
LT8386 AD-LT8386 Datasheet
2Mb / 28P
60V, 3A Silent Switcher Synchronous, Step-Up LED Driver
LT8644S AD-LT8644S Datasheet
1Mb / 22P
8V, 16A Synchronous Step-Down Silent Switcher 2
LT3935 AD-LT3935 Datasheet
1Mb / 22P
36V, 4A Synchronous Step-Down LED Driver with Silent Switcher
LT8642-1 AD-LT8642-1 Datasheet
1Mb / 26P
18V, 10A Synchronous Step-Down Silent Switcher
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com