Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TI60 Datasheet (PDF) - List of Unclassifed Manufacturers

TI60 Datasheet PDF - List of Unclassifed Manufacturers
Part # TI60
Download  TI60 Download
File Size   969.28 Kbytes
Page   70 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description DSTi60-v2.0

TI60 Datasheet (PDF)

Go To PDF Page Download Datasheet
TI60 Datasheet PDF - List of Unclassifed Manufacturers

Part # TI60
Download  TI60 Click to download

File Size   969.28 Kbytes
Page   70 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description DSTi60-v2.0

TI60 Datasheet (HTML) - List of Unclassifed Manufacturers


TI60 Product details

Features
• High-density, low-power Quantum™ compute fabric
• Built on TSMC 16 nm process
• 10-kbit high-speed, embedded SRAM, configurable as single-port RAM, simple dual-port
RAM, true dual-port RAM, or ROM
• High-performance DSP blocks for multiplication, addition, subtraction, accumulation,
and up to 15-bit variable-right-shifting
• Versatile on-chip clocking
— Low-skew global network supporting 32 clock or control signals
— Regional and local clock networks
— PLL support
• FPGA interface blocks
— High-voltage I/O (HVIO) (1.8, 2.5, 3.3 V)
— High-speed I/O (HSIO), configurable as:
– LVDS, subLVDS, Mini-LVDS, and RSDS (RX, TX, and bidirectional), up to
1.5 Gbps
– MIPI lane I/O (DSI and CSI) in high-speed (HS) low-power (LP) modes, up to
1.5 Gbps
– Single-ended and differential I/O
— PLL
— Oscillator
• Flexible device configuration
— Standard SPI interface (active, passive, and daisy chain(1))
— JTAG interface
— Supports internal reconfiguration
• Single-event upset (SEU) detection feature
• Fully supported by the Efinity® software, an RTL-to-bitstream compiler
• Optional security feature
— Asymmetric bitstream authentication using RSA-4096
— Bitstream encryption/decryption using AES-GCM




Similar Part No. - TI60

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
TI600 COOPER-TI600 Datasheet
50Kb / 1P
Indicator System and Fuse Bases (Blocks)
More results


Similar Description - TI60

ManufacturerPart #DatasheetDescription
logo
HANAMICRON
HBH2X1M HANAMICRON-HBH2X1M Datasheet
239Kb / 16P
Bluetooth V2.0 EDR Class 2 Module
logo
List of Unclassifed Man...
BT730 ETC2-BT730 Datasheet
353Kb / 3P
Class 1 Bluetooth v2.0 Module
logo
DB Lectro Inc
BCD110V3 DBLECTRO-BCD110V3 Datasheet
683Kb / 2P
Bluetooth v2.0EDR specification
BCD210 DBLECTRO-BCD210 Datasheet
375Kb / 2P
Bluetooth v2.0 EDR specification
logo
Axiomtek Co., Ltd.
Q7M120 AXIOMTEK-Q7M120 Datasheet
267Kb / 1P
High flexibility Qseven v2.0 compliant design
Q7M120-120-EVK AXIOMTEK-Q7M120-120-EVK Datasheet
279Kb / 1P
High flexibility Qseven v2.0 compliant design
logo
Maxim Integrated Produc...
DS28E84EVKIT MAXIM-DS28E84EVKIT Datasheet
2Mb / 15P
Fully Compliant with USB Specification v2.0
2019
logo
SparkFun Electronics
DEV-15945 SPARKFUN-DEV-15945 Datasheet
211Kb / 2P
SparkFun Qwiic pHAT V2.0 for Raspberry Pi
1??9??0
logo
Infineon Technologies A...
TC3X9 INFINEON-TC3X9 Datasheet
1Mb / 57P
Hardware: TriBoard TC3X9 TH V2.0(1) and TriBoard TC3X9 V2.0
V2.1 2017-11
TC3X7 INFINEON-TC3X7 Datasheet
1Mb / 60P
TriBoard Manual TC3X7 Hardware: TriBoard TC3X7 TH V2.0(1) and TriBoard TC3X7 V2.0
V2.3 2019-09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com