Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8142 Datasheet (PDF) - Analog Devices

ADL8142 Datasheet PDF - Analog Devices
Part # ADL8142
Download  ADL8142 Download
File Size   366.42 Kbytes
Page   5 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Evaluating the ADL8142 GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz

ADL8142 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL8142 Datasheet PDF - Analog Devices

Part # ADL8142
Download  ADL8142 Click to download

File Size   366.42 Kbytes
Page   5 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Evaluating the ADL8142 GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz

ADL8142 Datasheet (HTML) - Analog Devices


ADL8142 Product details

GENERAL DESCRIPTION
The ADL8142-EVALZ consists of a 4-layer printed circuit board
(PCB) fabricated from 8 mil thick, Rogers 4003C and Isola 370HR,
copper clad, forming a nominal thickness of 62 mils. The RFIN and
RFOUT ports on the ADL8142-EVALZ are populated with
2.92 mm, female coaxial connectors, and the corresponding RF
traces have a 50 Ω characteristic impedance. The ADL8142-EVALZ
is populated with components suitable for use over the entire −40°C
to +85°C operating temperature range of the ADL8142. To calibrate
board trace losses, a through calibration path is provided between
the J1 and J2 connectors. J1 and J2 must be populated with RF
connectors to use the through calibration path. Refer to Table 1 and
Figure 3 for the through calibration path performance.
Access the ADL8142-EVALZ ground path and VDD pin through the
surface-mount technology (SMT) test point connectors, GND and
VDD. A supplementary test point for VBIAS is included for simple
access on the RBIAS pin (see Figure 5 for the test point assembly).
The RF traces on the ADL8142-EVALZ are 50 Ω, grounded, coplanar
waveguide. The package ground leads and the exposed pad
connect directly to the ground plane. Multiple vias connect the
top and bottom ground planes with particular focus on the area
directly beneath the ground paddle to provide adequate electrical
conduction and thermal conduction to the heat sink.
The power supply decoupling capacitors on the ADL8142-EVALZ
represent the configuration used to characterize and qualify the
device.
For full details on the ADL8142, see the ADL8142 data sheet,
which must be consulted in conjunction with this user guide when
using the ADL8142-EVALZ.

FEATURES
► 4-layer, Rogers 4003C and Isola Group 370HR evaluation board
► End launch, 2.92 mm RF connectors
► Through calibration path (depopulated)

EVALUATION KIT CONTENTS
► ADL8142-EVALZ evaluation board

EQUIPMENT NEEDED
► RF signal generator
► RF spectrum analyzer
► RF network analyzer
► 4 V, 100 mA power supply




Similar Part No. - ADL8142

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL8142 AD-ADL8142 Datasheet
1Mb / 20P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
ADL8142 AD-ADL8142 Datasheet
1Mb / 20P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. B
ADL8142-2 AD-ADL8142-2 Datasheet
212Kb / 8P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
ADL8142-2C-CSL AD-ADL8142-2C-CSL Datasheet
212Kb / 8P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
ADL8142-2CHIP AD-ADL8142-2CHIP Datasheet
212Kb / 8P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
More results


Similar Description - ADL8142

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC519LC4 HITTITE-HMC519LC4 Datasheet
233Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 18 - 31 GHz
logo
Analog Devices
ADL9006 AD-ADL9006 Datasheet
397Kb / 14P
2 GHz to 28 GHz, GaAs, pHEMT, MMIC Low Noise Amplifier
8/2020-Revision 0
ADL9006CHIPS AD-ADL9006CHIPS Datasheet
541Kb / 16P
2 GHz to 28 GHz, GaAs, pHEMT, MMIC, Low Noise Amplifier
1/2021-Revision 0
HMC1040CHIPS AD-HMC1040CHIPS Datasheet
349Kb / 14P
20 GHz to 44 GHz, GaAs, pHEMT, MMIC, Low Noise Amplifier
4/2018-Revision 0
ADL8107 AD-ADL8107 Datasheet
2Mb / 24P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 6 GHz to 18 GHz
1/2022-Revision 0
ADL8142 AD-ADL8142 Datasheet
1Mb / 20P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
ADL8142S AD-ADL8142S Datasheet
214Kb / 8P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
ADL8142-2 AD-ADL8142-2 Datasheet
212Kb / 8P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
ADL8100 AD-ADL8100 Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8141 AD-ADL8141 Datasheet
1Mb / 22P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 14 GHz to 24 GHz
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com