Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4215CUFD-3 Datasheet (PDF) - Linear Technology

LTC4215CUFD-3 Datasheet PDF - Linear Technology
Part # LTC4215CUFD-3
Download  LTC4215CUFD-3 Download
File Size   317.57 Kbytes
Page   28 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Hot Swap Controller with I2C Compatible Monitoring

LTC4215CUFD-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC4215CUFD-3 Datasheet PDF - Linear Technology

Part # LTC4215CUFD-3
Download  LTC4215CUFD-3 Click to download

File Size   317.57 Kbytes
Page   28 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Hot Swap Controller with I2C Compatible Monitoring

LTC4215CUFD-3 Datasheet (HTML) - Linear Technology


LTC4215CUFD-3 Product details

Allows Safe Insertion into Live Backplane
8-Bit ADC Monitors Current and Voltage
I2C/SMBus Interface
Wide Operating Voltage Range: 2.9V to 15V
dI/dt Controlled Soft-Start
Circuit Breaker Timeout: 20μs (LTC4215-1) or
420μs (LTC4215-3)
Three General Purpose Outputs
High Side Drive for External N-channel MOSFET
No External Gate Capacitor Required
Input Overvoltage/Undervoltage Protection
Optional Latchoff or Auto-Retry After Faults
Alerts Host After Faults
Inrush Current Limit with Foldback
Available in 24-Pin (4mm × 5mm) QFN FEATURES




Similar Part No. - LTC4215CUFD-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4215CUFD-1 LINER-LTC4215CUFD-1 Datasheet
311Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215CUFD-1-PBF LINER-LTC4215CUFD-1-PBF Datasheet
311Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215CUFD-1-TR LINER-LTC4215CUFD-1-TR Datasheet
311Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215CUFD-1-TRPBF LINER-LTC4215CUFD-1-TRPBF Datasheet
311Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215CUFD-2 LINER-LTC4215CUFD-2 Datasheet
271Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
More results


Similar Description - LTC4215CUFD-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4215 LINER-LTC4215 Datasheet
350Kb / 24P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215-1 LINER-LTC4215-1 Datasheet
311Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4222 LINER-LTC4222 Datasheet
276Kb / 32P
Dual Hot Swap Controller with I2C Compatible Monitoring
LTC4280 LINER-LTC4280 Datasheet
292Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215 LINER-LTC4215_15 Datasheet
271Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215-1 LINER-LTC4215-1_15 Datasheet
317Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215-2 LINER-LTC4215-2_15 Datasheet
271Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215-3 LINER-LTC4215-3_15 Datasheet
317Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4280 LINER-LTC4280_15 Datasheet
296Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215CUFD-2 LINER-LTC4215CUFD-2 Datasheet
271Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com