Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA Datasheet (PDF) - Vishay Siliconix

CHA Datasheet PDF - Vishay Siliconix
Part # CHA
Download  CHA Download
File Size   175.33 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description AEC-Q200 Qualified High Frequency 70 GHz Thin Film Chip Resistor

CHA Datasheet (PDF)

Go To PDF Page Download Datasheet
CHA Datasheet PDF - Vishay Siliconix

Part # CHA
Download  CHA Click to download

File Size   175.33 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description AEC-Q200 Qualified High Frequency 70 GHz Thin Film Chip Resistor

CHA Datasheet (HTML) - Vishay Siliconix


CHA Product details

FEATURES
• Operating frequency 70 GHz
• AEC-Q200 qualified (CHA02016 flip chip only)
• Thin film microwave resistors
• Flip chip, wraparound or one face termination
• Small size, down to 20 mils by 16 mils
• Edged trimmed block resistors
• Pure alumina substrate (99.5 %)
• Ohmic range: 10R to 500R
• Design kits available
• Modelithics® library available
• Small internal reactance (LC down to 1 x 10-24)
• Tolerance 1 %, 2 %, 5 %
• TCR: 100 ppm/°C in (-55 °C, +155 °C) temperature range
• TCR: 50 ppm/°C available upon request for 10 Ω to150 Ω
ohmic range
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - CHA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHA-11 ETC-CHA-11 Datasheet
3Mb / 32P
TORQUE PRODUCTS
logo
Utica Tools
CHA-11 UTICA-CHA-11 Datasheet
396Kb / 2P
“Click” Type Torque Sensing Wrenches Interchangeable Head “A” Size Series
logo
List of Unclassifed Man...
CHA-23 ETC-CHA-23 Datasheet
3Mb / 32P
TORQUE PRODUCTS
logo
Utica Tools
CHA-23 UTICA-CHA-23 Datasheet
396Kb / 2P
“Click” Type Torque Sensing Wrenches Interchangeable Head “A” Size Series
logo
Tyco Electronics
CHA-38-70001 MACOM-CHA-38-70001 Datasheet
49Kb / 2P
Mid- To Low-Priced CMOS IC Time Delay Relay
More results


Similar Description - CHA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CH0603-250RJF VISHAY-CH0603-250RJF Datasheet
144Kb / 11P
High Frequency 50 GHz Thin Film Chip Resistor
28-Aug-13
PATT VISHAY-PATT Datasheet
94Kb / 4P
Precision Automotive High Temperature Thin Film Chip Resistor, AEC-Q200 Qualified
17-Sep-13
logo
Abracon Corporation
ABM10AIG ABRACON-ABM10AIG Datasheet
5Mb / 4P
AEC-Q200 qualified
12.09.15
logo
Taiyo Yuden (U.S.A.), I...
EMK325B7226KMHP TAIYO-YUDEN-EMK325B7226KMHP Datasheet
289Kb / 2P
AEC-Q200 qualified
LMK325BJ476MMHP TAIYO-YUDEN-LMK325BJ476MMHP Datasheet
288Kb / 2P
AEC-Q200 qualified
HMJ107AB7222MAHT TAIYO-YUDEN-HMJ107AB7222MAHT Datasheet
286Kb / 2P
AEC-Q200 qualified
logo
Vishay Siliconix
PATT VISHAY-PATT_V01 Datasheet
96Kb / 4P
Precision Automotive High Temperature (155 °C at Full Rated Power) Thin Film Chip Resistor, AEC-Q200 Qualified
08-Mar-2021
PAT VISHAY-PAT_V01 Datasheet
107Kb / 4P
Precision Automotive Thin Film Chip Resistors, AEC-Q200 Qualified, Hi-Rel COTS
28-Jun-2021
PHPA VISHAY-PHPA Datasheet
123Kb / 5P
High Power Thin Film Wraparound Chip Resistor AEC-Q200 Qualified
27-May-2021
logo
Stackpole Electronics, ...
MLFA SEI-MLFA Datasheet
859Kb / 12P
Metal Film Melf Resistor - AEC-Q200 Qualified
7/29/2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com