Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA6T1 Datasheet (PDF) - Renesas Technology Corp

RA6T1 Datasheet PDF - Renesas Technology Corp
Part # RA6T1
Download  RA6T1 Download
File Size   784.55 Kbytes
Page   70 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32-Bit MCU Renesas Advanced (RA) Family Renesas RA6 Series

RA6T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
RA6T1 Datasheet PDF - Renesas Technology Corp

Part # RA6T1
Download  RA6T1 Click to download

File Size   784.55 Kbytes
Page   70 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32-Bit MCU Renesas Advanced (RA) Family Renesas RA6 Series

RA6T1 Datasheet (HTML) - Renesas Technology Corp


RA6T1 Product details

■ Arm Cortex-M4 Core with Floating Point Unit (FPU)
 Armv7E-M architecture with DSP instruction set
 Maximum operating frequency: 120 MHz
 Support for 4-GB address space
 On-chip debugging system: JTAG, SWD, and ETM
 Boundary scan and Arm Memory Protection Unit (Arm MPU)
■ Memory
 Up to 512-KB code flash memory (40 MHz zero wait states)
 8-KB data flash memory (125,000 erase/write cycles)
 64-KB SRAM
 Flash Cache (FCACHE)
 Memory Protection Units (MPU)
 Memory Mirror Function (MMF)
 128-bit unique ID
■ Connectivity
 Serial Communications Interface (SCI) with FIFO × 7
 Serial Peripheral Interface (SPI) × 2
 I2C bus interface (IIC) × 2
 CAN module (CAN) × 1
 IrDA interface
■ Analog
 12-bit A/D Converter (ADC12) with 3 sample-and-hold circuits
each × 2
 12-bit D/A Converter (DAC12) × 2
 High-Speed Analog Comparator (ACMPHS) × 6
 Programmable Gain Amplifier (PGA) × 6
 Temperature Sensor (TSN)
■ Timers
 General PWM Timer 32-bit Enhanced High Resolution
(GPT32EH) × 4
 General PWM Timer 32-bit Enhanced (GPT32E) × 4
 General PWM Timer 32-bit (GPT32) × 5
 Low Power Asynchronous General-Purpose Timer (AGT) × 2
 Watchdog Timer (WDT)
■ Safety
 SRAM parity error check
 Flash area protection
 ADC self-diagnosis function
 Clock Frequency Accuracy Measurement Circuit (CAC)
 Cyclic Redundancy Check (CRC) calculator
 Data Operation Circuit (DOC)
 Port Output Enable for GPT (POEG)
 Independent Watchdog Timer (IWDT)
 GPIO readback level detection
 Register write protection
 Main oscillator stop detection
 Illegal memory access




Similar Part No. - RA6T1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RA6T1 RENESAS-RA6T1 Datasheet
990Kb / 69P
Leading performance 120-MHz Arm짰 Cortex짰-M4 core, up to 512 KB of code flash memory, 64-KB SRAM, security and safety features, and advanced analog.
RA6T1 RENESAS-RA6T1 Datasheet
810Kb / 67P
RA6T1 Group
Rev.1.20 Mar 3, 2023
RA6T1 RENESAS-RA6T1_V02 Datasheet
810Kb / 67P
RA6T1 Group
Rev.1.20 Mar 3, 2023
More results


Similar Description - RA6T1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C2A RENESAS-R8C2A Datasheet
6Mb / 609P
RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C2C RENESAS-R8C2C Datasheet
6Mb / 615P
RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C2G RENESAS-R8C2G Datasheet
3Mb / 344P
RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C2H RENESAS-R8C2H Datasheet
3Mb / 367P
RENESAS MCU R8C FAMILY / R8C/2x SERIES
R5F56108VNFP RENESAS-R5F56108VNFP_13 Datasheet
1Mb / 86P
RENESAS 32-Bit MCU
R01US0079ED0103 RENESAS-R01US0079ED0103 Datasheet
925Kb / 66P
RENESAS 32-Bit MCU
RX610 RENESAS-RX610_15 Datasheet
1Mb / 86P
RENESAS 32-Bit MCU
RA2A1 RENESAS-RA2A1 Datasheet
1Mb / 100P
32-Bit MCU Renesas Advanced (RA) Family Renesas RA2 Series
RA6M1 RENESAS-RA6M1_V01 Datasheet
1Mb / 92P
32-bit MCU Renesas Advanced (RA) Family Renesas RA6 Series
RA6M2 RENESAS-RA6M2_V01 Datasheet
1Mb / 100P
32-Bit MCU Renesas Advanced (RA) Family Renesas RA6 Series
May 14, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com