Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1503N Datasheet (PDF) - Infineon Technologies AG

T1503N Datasheet PDF - Infineon Technologies AG
Part # T1503N
Download  T1503N Download
File Size   202.05 Kbytes
Page   2 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Lichtwellenleiter LTT 150mm,172mm Fiber-optic cables LTT 150mm,172mm

T1503N Datasheet (PDF)

Go To PDF Page Download Datasheet
T1503N Datasheet PDF - Infineon Technologies AG

Part # T1503N
Download  T1503N Click to download

File Size   202.05 Kbytes
Page   2 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Lichtwellenleiter LTT 150mm,172mm Fiber-optic cables LTT 150mm,172mm

T1503N Datasheet (HTML) - Infineon Technologies AG


T1503N Product details

Key Parameters
Length 3000mm
Mono glass fiber 200μm
Pre tested with pull force of 350N/mm2
Compatible with Laser diode SPL PL90




Similar Part No. - T1503N

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
T1503N EUPEC-T1503N Datasheet
220Kb / 8P
Phase Control Thyristor
logo
Infineon Technologies A...
T1503N INFINEON-T1503N Datasheet
275Kb / 10P
Light triggered thyristor with internal Break over Diode
2011-05-02 Revision: 8.0
T1503N INFINEON-T1503N Datasheet
131Kb / 2P
Laser diode SPL – PL90
2012-06-14 Revision: 2.2
logo
eupec GmbH
T1503NH EUPEC-T1503NH Datasheet
232Kb / 8P
Phase Control Thyristor
logo
Infineon Technologies A...
T1503NH INFINEON-T1503NH Datasheet
263Kb / 10P
Netz-Thyristor Phase Control Thyristor
2011-05-02 Revision: 7.0
More results


Similar Description - T1503N

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LTT4.5MA TOKEN-LTT4.5MA Datasheet
304Kb / 3P
LTT MA Ceramic Filters for TV/VCR Stage
logo
PowerDynamics, Inc
PDSN-5 POWERDYNAMICS-PDSN-5 Datasheet
40Kb / 1P
9V BATTERY SNAP W/ FIBER BOARD; 150mm LONG
logo
ORION FANS
WMG172 ORIONFANS-WMG172 Datasheet
176Kb / 1P
Wire Mesh Guard for 172mm Fan
logo
Infineon Technologies A...
SP000091120 INFINEON-SP000091120 Datasheet
201Kb / 2P
Lichtwellenleiter LTT 76mm Fiber-optic cables LTT 76mm
2016-07-07 Revision: 3.1
logo
Molex Electronics Ltd.
151340202 MOLEX-151340202 Datasheet
151Kb / 1P
Picoblade 2 Circuit 150MM
2016/07/28
151340302 MOLEX-151340302 Datasheet
152Kb / 1P
Picoblade 3 Circuit 150MM
2016/07/28
151340402 MOLEX-151340402 Datasheet
152Kb / 1P
Picoblade 4 Circuit 150MM
2016/07/28
451320601 MOLEX-451320601 Datasheet
250Kb / 1P
Microfit 6 Circuit 150MM
2016/04/20
451350401 MOLEX-451350401 Datasheet
213Kb / 1P
Minifit 4 Circuit 150MM
2016/04/20
797582147 MOLEX-797582147 Datasheet
136Kb / 1P
MINILOCK TIN PLATED 150MM 22AWG
2019/06/11
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com