Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T533N Datasheet (PDF) - Infineon Technologies AG

T533N Datasheet PDF - Infineon Technologies AG
Part # T533N
Download  T533N Download
File Size   201.37 Kbytes
Page   2 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Lichtwellenleiter LTT 76mm Fiber-optic cables LTT 76mm

T533N Datasheet (PDF)

Go To PDF Page Download Datasheet
T533N Datasheet PDF - Infineon Technologies AG

Part # T533N
Download  T533N Click to download

File Size   201.37 Kbytes
Page   2 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Lichtwellenleiter LTT 76mm Fiber-optic cables LTT 76mm

T533N Datasheet (HTML) - Infineon Technologies AG


T533N Product details

Key Parameters
Mono glass fiber 200μm
Pre tested with pull force of 350N/mm2
Compatible with Laser diode SPL PL90




Similar Part No. - T533N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
T533N INFINEON-T533N Datasheet
322Kb / 10P
Light triggered thyristor with internal Break over Diode
2014-01-23 Revision: 3.0
T533N INFINEON-T533N Datasheet
131Kb / 2P
Laser diode SPL – PL90
2012-06-14 Revision: 2.2
More results


Similar Description - T533N

ManufacturerPart #DatasheetDescription
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
Token Electronics Indus...
LTT4.5MA TOKEN-LTT4.5MA Datasheet
304Kb / 3P
LTT MA Ceramic Filters for TV/VCR Stage
logo
Hirose Electric
DF3-TA2428HC HIROSE-DF3-TA2428HC Datasheet
132Kb / 1P
PACKAGING: CARDBOARD BOX, SIZE 254mm X 76mm X 51mm
DF3-TA2428HCUS-DS HIROSE-DF3-TA2428HCUS-DS Datasheet
102Kb / 1P
PACKAGING: CARDBOARD BOX, SIZE 203mm X 76mm X 51mm
DF11-TA2428HCUS-DS HIROSE-DF11-TA2428HCUS-DS Datasheet
104Kb / 1P
PACKAGING: CARDBOARD BOX, SIZE 203mm X 76mm X 51mm
HRUS-HT-1 HIROSE-HRUS-HT-1 Datasheet
107Kb / 1P
PACKAGING: CARDBOARD BOX SIZE: 254mm X 76mm X 51mm
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
FIBER-OPTIC SENSORS AND FIBER
logo
Omron Electronics LLC
E32 OMRON-E32 Datasheet
1Mb / 108P
An Extensive Selection of Fiber-Optic Cables
logo
Infineon Technologies A...
SP000091117 INFINEON-SP000091117 Datasheet
202Kb / 2P
Lichtwellenleiter LTT 150mm,172mm Fiber-optic cables LTT 150mm,172mm
2012-05-03 Revision: 2.0
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com