Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OB1203 Datasheet (PDF) - Renesas Technology Corp

OB1203 Datasheet PDF - Renesas Technology Corp
Part # OB1203
Download  OB1203 Download
File Size   1544.95 Kbytes
Page   72 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Heart Rate, Blood Oxygen Concentration, Pulse Oximetry, Proximity, Light and Color Sensor

OB1203 Datasheet (PDF)

Go To PDF Page Download Datasheet
OB1203 Datasheet PDF - Renesas Technology Corp

Part # OB1203
Download  OB1203 Click to download

File Size   1544.95 Kbytes
Page   72 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Heart Rate, Blood Oxygen Concentration, Pulse Oximetry, Proximity, Light and Color Sensor

OB1203 Datasheet (HTML) - Renesas Technology Corp


OB1203 Product details

Biosensor Features
SpO2 measurement less sensitive to skin color
Industry’s smallest optical biosensor module
Fully integrated and trimmed module, including two LEDs, 250mA maximum drive current, and photodetectors
PPG output resolution: 16 to 18 bits
Data stored in 18-bit wide, 32-sample FIFO memory
Integrated averaging function for higher signal-to-noise ratio (SNR) and data rate reduction
Programmable measurement rate: up to 3200 samples per second

Light Sensor and Color Sensor* (OB1203SD) Features
Output resolution: 13 to 20 bits, 3 gain modes
Very stable spectral response over angle of light incidence
*High lux accuracy over different light sources
*Absolute sensitivity: 0.06 lux to > 150000 lux
*Four parallel channels (red, green, blue, clear)
*Accurate Correlated Color Temperature (CCT)
*Accurate CIE 1931 XYZ (RGB) color measurement




Similar Part No. - OB1203

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
OB1 KEYSIGHT-OB1 Datasheet
3Mb / 26P
U2000 Series USB Power Sensors
March 23, 2016
logo
Twin Industries
OB1-LF TWININDUSTRIES-OB1-LF Datasheet
266Kb / 1P
Combination Boards
More results


Similar Description - OB1203

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAH8001EI-2G PIXART-PAH8001EI-2G Datasheet
1Mb / 5P
Optical Heart Rate Detection Sensor
logo
OSRAM GmbH
SFH2704 OSRAM-SFH2704 Datasheet
913Kb / 16P
Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)
logo
Maxim Integrated Produc...
MAX30110 MAXIM-MAX30110 Datasheet
711Kb / 37P
Optimized Pulse-Oximeter and Heart Rate AFE forWearable Health
Rev 0; 6/17
logo
OSRAM GmbH
SFH7016 OSRAM-SFH7016 Datasheet
991Kb / 20P
?봈ealth Monitoring (Heart Rate Monitoring, Pulse Oximetry)
SFH2703 OSRAM-SFH2703 Datasheet
936Kb / 16P
Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)
SFH2713 OSRAM-SFH2713 Datasheet
937Kb / 16P
Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)
PLT5520B OSRAM-PLT5520B Datasheet
1Mb / 16P
Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)
logo
Maxim Integrated Produc...
MAXREFDES220 MAXIM-MAXREFDES220 Datasheet
166Kb / 6P
Finger Heart Rate and Pulse Oximeter Smart Sensor with Digital Signal Processing
8????8
logo
SparkFun Electronics
SEN-15219 SPARKFUN-SEN-15219 Datasheet
248Kb / 3P
SparkFun Pulse Oximeter and Heart Rate Sensor ??MAX30101 & MAX32664 (Qwiic)
9??4??9
logo
Maxim Integrated Produc...
MAX86140 MAXIM-MAX86140_V01 Datasheet
1Mb / 89P
Best-in-Class Optical Pulse Oximeter and Heart-Rate Sensor for Wearable Health
2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com