Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMOD4510AI1 Datasheet (PDF) - Renesas Technology Corp

ZMOD4510AI1 Datasheet PDF - Renesas Technology Corp
Part # ZMOD4510AI1
Download  ZMOD4510AI1 Download
File Size   775.16 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Gas Sensor Module for OAQ targeting NO2 & O3

ZMOD4510AI1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZMOD4510AI1 Datasheet PDF - Renesas Technology Corp

Part # ZMOD4510AI1
Download  ZMOD4510AI1 Click to download

File Size   775.16 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Gas Sensor Module for OAQ targeting NO2 & O3

ZMOD4510AI1 Datasheet (HTML) - Renesas Technology Corp


ZMOD4510AI1 Product details

 Sensor output based on operation method:
• Non-selective measurement of nitrogen dioxide (NO2) and ozone (O3)
• Selective ozone (O3) measurement using ultra-low power
 Supports international standards for air quality, such as the US Environmental Protection Agency (EPA)
 Customization for mobile, industrial, and consumer applications
 Heater driver and regulation loop for constant resistance, minimizing effect of environmental temperature on signal
 I2C interface: up to 400 kHz
 Built-in nonvolatile memory (NVM) for module-specific data
 Ultra-low average power consumption down to 0.2 mW
 Excellent for low-voltage and low-power battery applications
 No external trimming components required
 External reset pin (active-LOW)
 Siloxane resistant
 RoHS compliant
 Target operation temperature: -40°C to +65°C
 Supply voltage: 1.7V to 3.6 V
 Water and dustproof version available (IP67 certified)
 Available assembly sizes:
• 3.0 × 3.0 × 0.7 mm (standard version)
• 3.0 × 3.0 × 0.9 mm (IP67 version)




Similar Part No. - ZMOD4510AI1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZMOD4510AI1R RENESAS-ZMOD4510AI1R Datasheet
641Kb / 17P
Gas Sensor Module for Outdoor Air Quality
ZMOD4510AI1V RENESAS-ZMOD4510AI1V Datasheet
641Kb / 17P
Gas Sensor Module for Outdoor Air Quality
More results


Similar Description - ZMOD4510AI1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MICS-2610 ETC2-MICS-2610 Datasheet
91Kb / 4P
O3 Gas Sensor
logo
Renesas Technology Corp
ZMOD4510 RENESAS-ZMOD4510 Datasheet
641Kb / 17P
Gas Sensor Module for Outdoor Air Quality
ZMOD4410 RENESAS-ZMOD4410 Datasheet
1Mb / 23P
Gas Sensor Module for TVOC and Indoor Air Quality
ZMOD4450 RENESAS-ZMOD4450 Datasheet
946Kb / 18P
Gas Sensor Module for Refrigeration Air Quality
FS1023-DG RENESAS-FS1023-DG Datasheet
534Kb / 11P
Gas Flow Sensor Module
FS1025-DG RENESAS-FS1025-DG Datasheet
544Kb / 11P
Gas Flow Sensor Module
FS1027-DG RENESAS-FS1027-DG Datasheet
532Kb / 11P
Gas Flow Sensor Module
logo
Zhengzhou Winsen Electr...
MQ138 WINSEN-MQ138 Datasheet
560Kb / 6P
Gas Sensor for VOC Gas
logo
Renesas Technology Corp
ZMOD4410 RENESAS-ZMOD4410_V01 Datasheet
1Mb / 26P
Gas Sensor Module for TVOC and Indoor Air Quality
December 17, 2021
ZMOD4450 RENESAS-ZMOD4450_V01 Datasheet
752Kb / 22P
Gas Sensor Module for Refrigeration Air Quality
June 30, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com