Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3281BC2B Datasheet (PDF) - Renesas Technology Corp

ZSSC3281BC2B Datasheet PDF - Renesas Technology Corp
Part # ZSSC3281BC2B
Download  ZSSC3281BC2B Download
File Size   2807.51 Kbytes
Page   102 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Advanced Dual Channel ARM based Resistive Sensor Signal Conditioner IC

ZSSC3281BC2B Datasheet (PDF)

Go To PDF Page Download Datasheet
ZSSC3281BC2B Datasheet PDF - Renesas Technology Corp

Part # ZSSC3281BC2B
Download  ZSSC3281BC2B Click to download

File Size   2807.51 Kbytes
Page   102 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Advanced Dual Channel ARM based Resistive Sensor Signal Conditioner IC

ZSSC3281BC2B Datasheet (HTML) - Renesas Technology Corp


ZSSC3281BC2B Product details

 Digital communication and calibration interfaces:
o SPI up to 10MHz
o I2C (Standard, Fast, Fast+) and I3C SDR
o One-wire-interface (OWI), up to 100kBit/s
 Accommodates nearly all resistive bridge sensor
types (signal spans from 1mV/V up to 500mV/V)
 Supports different sensor element
configurations:
o Resistive bridge or half-bridge
o Resistive divider string
o Voltage source
 On-chip temperature sensor
 External temperature sensing supported, for
example, sensor-bridge as temperature detector,
external diode, etc.
 Programmable 16-bit digital-to-analog-converter
and output (supporting “True-0Volt”-output):
o (0V to 1V) or (0V to 5V) absolute voltage
output
o VDD-ratiometric voltage output
o 4mA to 20mA current-loop output supported
o 0V to 10V absolute-voltage output supported
 Wide operational temperature and supply range
 On-chip voltage regulators for sensor supply,
and IC operation
 Support for extra regulation by external
transistor, for example, JFET (especially for
industrial supply voltages >5.5VDC)
 Programmable sensor-signal-conditioning math
core
 Reprogrammable, nonvolatile memory (NVM)
 On-chip diagnostics:
o Sensor connection
o AFE self-test
o Memory integrity




Similar Part No. - ZSSC3281BC2B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC3281BC2B RENESAS-ZSSC3281BC2B Datasheet
2Mb / 107P
Advanced Dual Channel ARM based Resistive Sensor Signal Conditioner IC
Mar.13.24
More results


Similar Description - ZSSC3281BC2B

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31050 ZMD-ZMD31050 Datasheet
431Kb / 20P
Advanced Differential Sensor Signal Conditioner
ZMD31050D ZMD-ZMD31050D Datasheet
328Kb / 20P
Advanced Differential Sensor Signal Conditioner
ZMD31050 ZMD-ZMD31050_09 Datasheet
423Kb / 23P
Advanced Differential Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSC31050 ETC2-ZSC31050 Datasheet
730Kb / 32P
Advanced Differential Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSC31050 IDT-ZSC31050 Datasheet
859Kb / 29P
Advanced Differential Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSC31050 RENESAS-ZSC31050 Datasheet
442Kb / 30P
Advanced Differential Sensor Signal Conditioner
ZSSC3230 RENESAS-ZSSC3230 Datasheet
1Mb / 39P
Capacitive Sensor Signal Conditioner IC
ZSSC3240 RENESAS-ZSSC3240 Datasheet
1Mb / 64P
Sensor Signal Conditioner IC for Resistive Sensors
ZSC31050 RENESAS-ZSC31050_V01 Datasheet
821Kb / 31P
Advanced Differential Sensor Signal Conditioner
January 14, 2022
ZSSC3240 RENESAS-ZSSC3240_V01 Datasheet
1Mb / 64P
Sensor Signal Conditioner IC for Resistive Sensors
Apr.28.21
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com