Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMOD4450AI4R Datasheet (PDF) - Renesas Technology Corp

ZMOD4450AI4R Datasheet PDF - Renesas Technology Corp
Part # ZMOD4450AI4R
Download  ZMOD4450AI4R Download
File Size   752.6 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Gas Sensor Module for Refrigeration Air Quality

ZMOD4450AI4R Datasheet (PDF)

Go To PDF Page Download Datasheet
ZMOD4450AI4R Datasheet PDF - Renesas Technology Corp

Part # ZMOD4450AI4R
Download  ZMOD4450AI4R Click to download

File Size   752.6 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Gas Sensor Module for Refrigeration Air Quality

ZMOD4450AI4R Datasheet (HTML) - Renesas Technology Corp


ZMOD4450AI4R Product details

 Measurement of gases associated with food ripening and storage: volatile organic compounds (including ethylene), amines, volatile sulfur compounds
 Configurable methods of operation based on application and use case
 Heater driver and regulation loop for constant resistance, minimizing effect of environmental temperature on signal
 I2C interface: up to 400kHz
 Built-in nonvolatile memory (NVM) for module-specific data
 Low average power consumption in the mW range
 Firmware upgradable platform for application optimizations
 No external trimming components required
 External reset pin (active-LOW)
 Customization for mobile, industrial, and consumer applications
 Siloxane resistant
 RoHS compliant
 Supply voltage: 1.7V to 3.6V
 Package: 12-LGA
 Target operation temperature: 0°C to 25°C
 Water and dustproof versions available (IP67 certified)
 Available assembly sizes:
• 3.0 × 3.0 × 0.7 mm (standard version)
• 3.0 × 3.0 × 0.9 mm (IP67 version)




Similar Part No. - ZMOD4450AI4R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZMOD4450AI1R RENESAS-ZMOD4450AI1R Datasheet
946Kb / 18P
Gas Sensor Module for Refrigeration Air Quality
ZMOD4450AI1V RENESAS-ZMOD4450AI1V Datasheet
946Kb / 18P
Gas Sensor Module for Refrigeration Air Quality
More results


Similar Description - ZMOD4450AI4R

ManufacturerPart #DatasheetDescription
logo
ams AG
CCS811 AMSCO-CCS811 Datasheet
529Kb / 34P
Ultra-Low Power Digital Gas Sensor for Monitoring Indoor Air Quality
logo
Renesas Technology Corp
ZMOD4510 RENESAS-ZMOD4510 Datasheet
641Kb / 17P
Gas Sensor Module for Outdoor Air Quality
ZMOD4410 RENESAS-ZMOD4410 Datasheet
1Mb / 23P
Gas Sensor Module for TVOC and Indoor Air Quality
ZMOD4450 RENESAS-ZMOD4450 Datasheet
946Kb / 18P
Gas Sensor Module for Refrigeration Air Quality
logo
Zhengzhou Winsen Electr...
MP503 WINSEN-MP503 Datasheet
722Kb / 7P
Air-Quality Gas Sensor
MP901 WINSEN-MP901 Datasheet
545Kb / 6P
Air-Quality Gas Sensor
MP905 WINSEN-MP905 Datasheet
783Kb / 7P
Air-Quality Gas Sensor
MQ135 WINSEN-MQ135 Datasheet
470Kb / 7P
Air Quality Gas Sensor
logo
SparkFun Electronics
SPX-16677 SPARKFUN-SPX-16677 Datasheet
226Kb / 2P
SparkX Refrigeration Gas Sensor - ZMOD4450 (Qwiic)
7??2??0
logo
Renesas Technology Corp
ZMOD4410 RENESAS-ZMOD4410_V01 Datasheet
1Mb / 26P
Gas Sensor Module for TVOC and Indoor Air Quality
December 17, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com