Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1219/37C Datasheet (PDF) - Alpha Wire

1219/37C Datasheet PDF - Alpha Wire
Part # 1219/37C
Download  1219/37C Download
File Size   100.92 Kbytes
Page   5 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1219/37C Datasheet (PDF)

Go To PDF Page Download Datasheet
1219/37C Datasheet PDF - Alpha Wire

Part # 1219/37C
Download  1219/37C Click to download

File Size   100.92 Kbytes
Page   5 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1219/37C Datasheet (HTML) - Alpha Wire


1219/37C Product details

Construction
Diameters (In)
1) Component 1 37 X 1 COND
a) Conductor 24 (7/32) AWG Tinned Copper 0.024
b) Insulation 0.010" Wall, Nom. PVC, Semi Rigid 0.044
(1) Color Code Alpha Wire Color Code D
Cond Color Cond Color Cond Color
1 BLACK 14 RED/YELLOW 27
WHITE/BLACK/Y
ELLOW
2 RED 15 RED/BLACK 28
WHITE/BLACK/B
LUE
3 WHITE 16 WHITE/BLACK 29
WHITE/BLACK/B
ROWN
4 GREEN 17 WHITE/RED 30
WHITE/BLACK/O
RANGE
5 ORANGE 18 WHITE/GREEN 31
WHITE/BLACK/S
LATE
6 BLUE 19 WHITE/YELLOW 32
WHITE/BLACK/VI
OLET
7 BROWN 20 WHITE/BLUE 33
WHITE/BLACK/B
LACK
8 YELLOW 21 WHITE/BROWN 34
WHITE/RED/BLA
CK
9 VIOLET 22 WHITE/ORANGE 35
WHITE/RED/RED
10 SLATE 23 WHITE/SLATE 36
WHITE/RED/GRE
EN
11 PINK 24 WHITE/VIOLET 37
WHITE/RED/BLU
E
12 TAN 25
WHITE/BLACK/R
ED
13 RED/GREEN 26
WHITE/BLACK/G
REEN
2) Cable Assembly 37 Components Cabled
a) Twists: 2.7 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
3) Shield: Alum/Mylar Tape, 20% Overlap, Min.
a) Foil Direction Foil Facing Out
b) Drain Wire 24 (7/32) AWG Tinned Copper
4) Jacket 0.032" Wall, Nom.,PVC 0.376 (0.398 Max.)
a) Color(s) SLATE
b) Print
ALPHA WIRE-* P/N 1219/37C 37C 24 AWG
SHIELDED 75C (UL) TYPE CM OR AWM 2576 --- LLXXXXXX
CSA TYPE CMG FT4 CE ROHS
* = Factory Code
manufacture.]

Applicable Specifications
1) UL AWM/STYLE 2576 80°C / 150 VRMS
CM 75°C
VW-1
2) CSA International CMG 60°C
FT4
3) CE: EU Low Voltage Directive 2014/35/EU




Similar Part No. - 1219/37C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1219/37C ALPHAWIRE-1219/37C Datasheet
99Kb / 5P
Customer Specification
12/2/2022
More results


Similar Description - 1219/37C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com