Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

123 Datasheet (PDF) - Alpha Wire

123 Datasheet PDF - Alpha Wire
Part # 123
Download  123 Download
File Size   100.96 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

123 Datasheet (PDF)

Go To PDF Page Download Datasheet
123 Datasheet PDF - Alpha Wire

Part # 123
Download  123 Click to download

File Size   100.96 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

123 Datasheet (HTML) - Alpha Wire


123 Product details

Construction
Diameters (In)
1) Component 1 8 X 1 COND
a) Conductor 22 (26/36) AWG Bare Copper 0.027
b) Insulation 0.010" Wall, Nom. MPPE 0.047
(1) Color(s)
Cond Color Cond Color Cond Color
1 WHITE 4 YELLOW 7 BLUE
2 BROWN 5 SLATE 8 RED
3 GREEN 6 PINK
2) Cable Assembly 8 Components Cabled
a) Twists: 4.8 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
3) Jacket
0.040" Wall, Nom.,Polyurethane,
Zero Halogen (ZH)
0.258+/- 0.014 a) Color(s)
SLATE b) Jacket Separator
Tissue Tape, 25% Overlap, Min. c) Print

Applicable Specifications
1) UL
a) Component 1 AWM/STYLE 11231 105°C / 600 VRMS
b) Overall AWM/STYLE 21959 90°C / 600 VRMS
60C OIL
SUN RES
AWM/STYLE 20549 80°C / 300 VRMS
2) CSA International C(RU) AWM I/II A/B 90°C / 600 VRMS
FT2
3) IEC
a) Component 1 EN 60228 Conductors, Class 6
b) Overall EN 60754-1 Acid Gas Generation
EN 60754-2 Acid Gas Generation
EN 60332-1 Flame Behavior
EN 60332-2 Flame Behavior
4) CE: EU Low Voltage Directive 2014/35/EC




Similar Part No. - 123

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
123 ALPHAWIRE-123 Datasheet
99Kb / 4P
Customer SpecificationS
12/2/2022
logo
Eclipse Magnetics Ltd
123 ECLIPSEMAGNETICS-123 Datasheet
22Kb / 1P
Pin vices
logo
English Chain Co. Ltd
123 03 ENGLISHCHAIN-123 03 Datasheet
348Kb / 7P
SMALL CHAINS AND FITTINGS
123 66 ENGLISHCHAIN-123 66 Datasheet
348Kb / 7P
SMALL CHAINS AND FITTINGS
123 99 ENGLISHCHAIN-123 99 Datasheet
348Kb / 7P
SMALL CHAINS AND FITTINGS
More results


Similar Description - 123

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com