Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

544912 Datasheet (PDF) - Alpha Wire

544912 Datasheet PDF - Alpha Wire
Part # 544912
Download  544912 Download
File Size   100.29 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

544912 Datasheet (PDF)

Go To PDF Page Download Datasheet
544912 Datasheet PDF - Alpha Wire

Part # 544912
Download  544912 Click to download

File Size   100.29 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

544912 Datasheet (HTML) - Alpha Wire


544912 Product details

Construction
Diameters (In)
1) Component 1 12 X 1 COND
a) Conductor 14 (41/30) AWG Tinned Copper 0.070
b) Insulation 0.032" Wall, Nom. PVC 0.134
(1) Color Code Alpha Wire Color Code E
Cond Color Cond Color Cond Color
1 BLACK 5 YELLOW 9 SLATE
2 BROWN 6 GREEN 10 WHITE
3 RED 7 BLUE 11 WHITE/BLACK
4 ORANGE 8 VIOLET 12 WHITE/BROWN
2) Cable Assembly 12 Components Cabled
a) Twists: 1.5 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap
Nonwoven Polyester Tape, 20%
Overlap, Min.
3) Jacket 0.063" Wall, Nom.,PVC 0.687 (0.716 Max.)
a) Color(s) Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige, White
b) Ripcord 1 End 810 Denier Nylon
c) Print
ALPHA WIRE-* P/N 5449/12 12C 14 AWG
XTRAGUARD(R) 1 (UL) MTW 600V OR AWM 2501 105C
600V OR AWM 21896 105C 600V SUN RES 60C OIL
VW-1 OR CRU AWM I/II A/B 105C 600V
FT4 CE ROHS (SEQ FOOTAGE)
* = Factory Code

Applicable Specifications
1) UL
a) Component 1 AWM/STYLE 1015 105°C / 600 VRMS
MTW 90°C Dry / 60°C Wet / 600 VRMS
b) Overall MTW 90°C Dry / 60°C Wet / 600 VRMS
AWM/STYLE 21896 105°C / 600 VRMS
SUN RES
60C OIL
AWM/STYLE 2501 105°C / 600 VRMS
VW-1
2) CSA International
a) Component 1 TEW 105°C / 600 VRMS
b) Overall C(RU) AWM I/II A/B 105°C / 600 VRMS
FT4
3) IEC EN 60332-1 Flame Behavior
EN 60332-2 Flame Behavior
4) CE: EU Low Voltage Directive 2014/35/EU




Similar Part No. - 544912

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
544912 ALPHAWIRE-544912 Datasheet
100Kb / 4P
Customer Specification
8/29/2022
544912 ALPHAWIRE-544912 Datasheet
99Kb / 4P
Customer Specification
12/1/2022
logo
PHOENIX CONTACT
5449128 PHOENIX-5449128 Datasheet
75Kb / 4P
Printed-circuit board connector - BCVP-350R-16 GN
logo
Alpha Wire
544912 ALPHAWIRE-544912_V02 Datasheet
99Kb / 4P
Customer Specification
12/1/2022
More results


Similar Description - 544912

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com