Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS Datasheet (PDF) - Vishay Siliconix

RS Datasheet PDF - Vishay Siliconix
Part # RS
Download  RS Download
File Size   79.25 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description RS Style Wirewound Fuse Resistor

RS Datasheet (PDF)

Go To PDF Page Download Datasheet
RS Datasheet PDF - Vishay Siliconix

Part # RS
Download  RS Click to download

File Size   79.25 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description RS Style Wirewound Fuse Resistor

RS Datasheet (HTML) - Vishay Siliconix


RS Product details

FEATURES
• Low temperature coefficient (down to 30 ppm/°C)
• High temperature silicone molded package
(derated to 200 °C)
• Performs function of resistor and series fuse and provides
predictable fusing times
• Complete welded construction
• No flaming or distortion of unit under sufficient fusing
conditions (contact factory for details)
• Ideal for squib circuit applications and protection of
semi-conductor devices
• Negligible noise and voltage coefficient
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912





Similar Description - RS

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PWR6327 BOURNS-PWR6327 Datasheet
122Kb / 2P
SURFACE MOUNT WIREWOUND RESISTOR
PWR4525 BOURNS-PWR4525 Datasheet
123Kb / 2P
SURFACE MOUNT WIREWOUND RESISTOR
PWR2615 BOURNS-PWR2615 Datasheet
123Kb / 2P
SURFACE MOUNT WIREWOUND RESISTOR
logo
List of Unclassifed Man...
SM8035FT1R00 ETC2-SM8035FT1R00 Datasheet
130Kb / 2P
Surface Mount Wirewound Resistor
logo
Bourns Electronic Solut...
W3M22R0J BOURNS-W3M22R0J Datasheet
422Kb / 3P
Wirewound Power Resistor
logo
Vishay Siliconix
MRS VISHAY-MRS Datasheet
90Kb / 4P
Wirewound Resistor, Open Style, Current Shunts, Very Low Value
28-Jun-12
logo
Stackpole Electronics, ...
MHL SEI-MHL Datasheet
275Kb / 4P
Metal Clad Wirewound Resistor
12/01/2020
SMH SEI-SMH Datasheet
267Kb / 4P
Surface Mount Wirewound Resistor
8/31/2022
SP_SERIES SEI-SP_SERIES Datasheet
273Kb / 4P
Fusing Wirewound Resistor
4/30/2021
WWP SEI-WWP Datasheet
355Kb / 5P
Pulse Withstanding Wirewound Resistor
5/24/2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com