Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1046979 Datasheet (PDF) - PHOENIX CONTACT

1046979 Datasheet PDF - PHOENIX CONTACT
Part # 1046979
Download  1046979 Download
File Size   428.4 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 4/12X1,5-G BK

1046979 Datasheet (PDF)

Go To PDF Page Download Datasheet
1046979 Datasheet PDF - PHOENIX CONTACT

Part # 1046979
Download  1046979 Click to download

File Size   428.4 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 4/12X1,5-G BK

1046979 Datasheet (HTML) - PHOENIX CONTACT


1046979 Product details

Distribution block, nominal current: 41 A, connection method: Push-in connection, Line contact,
Rated cross section: 4 mm2, cross section: 0.2 mm2 - 6 mm2, Load contact, cross section: 0.14
mm2 - 2.5 mm2, mounting type: adhesive, color: black




Similar Part No. - 1046979

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
104697 ETC2-104697 Datasheet
7Mb / 25P
CompactPCI Connectors acc. to PIGMG 2.0 Rev. 3.0
logo
ERNI Electronics
104697 ERNI-104697 Datasheet
214Kb / 1P
ERMET FEDERLEISTE A
logo
PHOENIX CONTACT
1046970 PHOENIX-1046970 Datasheet
494Kb / 21P
Distribution block - PTFIX 4/12X1,5 PK
Nov 30, 2022
1046972 PHOENIX-1046972 Datasheet
494Kb / 22P
Distribution block - PTFIX 4/12X1,5 WH
Jun 15, 2022
1046973 PHOENIX-1046973 Datasheet
429Kb / 19P
Distribution block - PTFIX 4/12X1,5-G GY
Jun 2, 2022
More results


Similar Description - 1046979

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1046967 PHOENIX-1046967 Datasheet
145Kb / 11P
Distribution block - PTFIX 4/12X1,5 BK
09/12/2020
1046973 PHOENIX-1046973 Datasheet
429Kb / 19P
Distribution block - PTFIX 4/12X1,5-G GY
Jun 2, 2022
1046975 PHOENIX-1046975 Datasheet
430Kb / 19P
Distribution block - PTFIX 4/12X1,5-G RD
Jun 2, 2022
1046974 PHOENIX-1046974 Datasheet
431Kb / 19P
Distribution block - PTFIX 4/12X1,5-G BU
Jun 3, 2022
3002782 PHOENIX-3002782 Datasheet
497Kb / 21P
Distribution block - PTFIX 12X1,5 BK
Jun 2, 2022
1046977 PHOENIX-1046977 Datasheet
433Kb / 20P
Distribution block - PTFIX 4/12X1,5-G GN
Jun 13, 2022
3002894 PHOENIX-3002894 Datasheet
435Kb / 19P
Distribution block - PTFIX 12X1,5-G BK
Jun 22, 2022
1046976 PHOENIX-1046976 Datasheet
429Kb / 19P
Distribution block - PTFIX 4/12X1,5-G BN
Jul 20, 2022
1046980 PHOENIX-1046980 Datasheet
429Kb / 19P
Distribution block - PTFIX 4/12X1,5-G WH
Jul 21, 2022
1046991 PHOENIX-1046991 Datasheet
432Kb / 20P
Distribution block - PTFIX 4/12X1,5-NS15A BK
Jul 21, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com