Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1047435 Datasheet (PDF) - PHOENIX CONTACT

1047435 Datasheet PDF - PHOENIX CONTACT
Part # 1047435
Download  1047435 Download
File Size   440.34 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 4/18X1,5-G YE

1047435 Datasheet (PDF)

Go To PDF Page Download Datasheet
1047435 Datasheet PDF - PHOENIX CONTACT

Part # 1047435
Download  1047435 Click to download

File Size   440.34 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 4/18X1,5-G YE

1047435 Datasheet (HTML) - PHOENIX CONTACT


1047435 Product details

Distribution block, bridged internally, nominal current: 41 A, connection method: Push-in
connection, Line contact, Rated cross section: 4 mm2, cross section: 0.2 mm2 - 6 mm2, Load
contact, cross section: 0.14 mm2 - 2.5 mm2, mounting type: adhesive, color: yellow




Similar Part No. - 1047435

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1047430 PHOENIX-1047430 Datasheet
439Kb / 20P
Distribution block - PTFIX 4/18X1,5-G GY
Jun 13, 2022
1047431 PHOENIX-1047431 Datasheet
440Kb / 20P
Distribution block - PTFIX 4/18X1,5-G BU
Jun 22, 2022
1047432 PHOENIX-1047432 Datasheet
440Kb / 20P
Distribution block - PTFIX 4/18X1,5-G RD
Jun 13, 2022
1047433 PHOENIX-1047433 Datasheet
133Kb / 10P
Distribution block - PTFIX 4/18X1,5-G BN
09/12/2020
1047436 PHOENIX-1047436 Datasheet
439Kb / 20P
Distribution block - PTFIX 4/18X1,5-G BK
Jun 15, 2022
More results


Similar Description - 1047435

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1047459 PHOENIX-1047459 Datasheet
130Kb / 9P
Distribution block - PTFIX 4/18X1,5-NS35 YE
09/12/2020
1047430 PHOENIX-1047430 Datasheet
439Kb / 20P
Distribution block - PTFIX 4/18X1,5-G GY
Jun 13, 2022
1047431 PHOENIX-1047431 Datasheet
440Kb / 20P
Distribution block - PTFIX 4/18X1,5-G BU
Jun 22, 2022
1047423 PHOENIX-1047423 Datasheet
505Kb / 22P
Distribution block - PTFIX 4/18X1,5 YE
Jun 24, 2022
3002770 PHOENIX-3002770 Datasheet
504Kb / 21P
Distribution block - PTFIX 18X1,5 YE
Jul 6, 2022
3002961 PHOENIX-3002961 Datasheet
442Kb / 20P
Distribution block - PTFIX 18X1,5-NS15A YE
Jun 24, 2022
1047447 PHOENIX-1047447 Datasheet
443Kb / 20P
Distribution block - PTFIX 4/18X1,5-NS15A YE
Jul 21, 2022
3002882 PHOENIX-3002882 Datasheet
444Kb / 18P
Distribution block - PTFIX 18X1,5-G YE
Jul 21, 2022
1047438 PHOENIX-1047438 Datasheet
438Kb / 19P
Distribution block - PTFIX 4/18X1,5-G VT
Nov 30, 2022
1047439 PHOENIX-1047439 Datasheet
440Kb / 19P
Distribution block - PTFIX 4/18X1,5-G OG
Nov 30, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com