Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1250B65 Datasheet (PDF) - ON Semiconductor

1250B65 Datasheet PDF - ON Semiconductor
Part # 1250B65
Download  1250B65 Download
File Size   433.17 Kbytes
Page   25 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description PWM Controller, Current Mode, for Offline Power Supplies

1250B65 Datasheet (PDF)

Go To PDF Page Download Datasheet
1250B65 Datasheet PDF - ON Semiconductor

Part # 1250B65
Download  1250B65 Click to download

File Size   433.17 Kbytes
Page   25 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description PWM Controller, Current Mode, for Offline Power Supplies

1250B65 Datasheet (HTML) - ON Semiconductor


1250B65 Product details

The NCP1250 is a highly integrated PWM controller capable of
delivering a rugged and high performance offline power supply in a
tiny TSOP−6 or PDIP−8 package. With a supply range up to 28 V, the
controller hosts a jittered 65 kHz or 100 kHz switching circuitry
operated in peak current mode control. When the power on the
secondary side starts to decrease, the controller automatically folds
back its switching frequency down to a minimum level of 26 kHz. As
the power further goes down, the part enters skip cycle while limiting
the peak current.
Over Power Protection (OPP) is a difficult exercise especially when
no−load standby requirements drive the converter specifications. The
ON proprietary integrated OPP lets you harness the maximum
delivered power without affecting your standby performance simply
via two external resistors. An Over Voltage Protection input is also
combined on the same pin and protects the whole circuitry in case of
optocoupler failure or adverse open loop operation.
Finally, a timer−based short−circuit protection offers the best
protection scheme, letting you precisely select the protection trip point
irrespective of a loose coupling between the auxiliary and the power windings.

Features
• Fixed−Frequency 65 or 100 kHz Current−Mode Control Operation
• Internal and Adjustable Over Power Protection (OPP) Circuit
• Frequency Foldback Down to 26 kHz and Skip−Cycle in Light Load
Conditions
• Internal Ramp Compensation
• Internal Fixed 4 ms Soft−Start
• 100 ms Timer−Based Auto−Recovery Short−Circuit Protection
• Frequency Jittering in Normal and Frequency Foldback Modes
• Option for Auto−Recovery or Latched Short−Circuit Protection
• OVP Input for Improved Robustness
• Up to 28 V VCC Operation
• +300 mA/−500 mA Source/Sink Drive Capability
• Less than 100 mW Standby Power at High Line
• EPS 2.0 Compliant
• These are Pb−Free Devices

Typical Applications
• ac−dc Converters for TVs, Set−top Boxes and Printers
• Offline Adapters for Notebooks and Netbooks




Similar Part No. - 1250B65

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
1250 TI-1250 Datasheet
882Kb / 50P
Single Chip Low Cost Low Power RF-Transmitter
logo
Energizer
1250 ENERGIZER-1250 Datasheet
147Kb / 2P
SUPER HEAVY DUTY
logo
Schurter Inc.
1250 SCHURTER-1250 Datasheet
258Kb / 2P
Interconnection Cord with Appliance Outlet For low voltage, Straight
logo
List of Unclassifed Man...
1250 ETC-1250 Datasheet
105Kb / 1P
Heyco짰 Original Strain Relief Bushings
logo
Heyco.
1250 HEYCO-1250 Datasheet
104Kb / 1P
Original Strain Relief Bushings
More results


Similar Description - 1250B65

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1250 ONSEMI-NCP1250 Datasheet
272Kb / 23P
Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1253 ONSEMI-NCP1253 Datasheet
308Kb / 15P
Current-Mode PWM Controller for Off-line Power Supplies
January, 2012 ??Rev. 0
NCP1250 ONSEMI-NCP1250_11 Datasheet
272Kb / 23P
Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1251 ONSEMI-NCP1251 Datasheet
275Kb / 24P
Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1251 ONSEMI-NCP1251_11 Datasheet
275Kb / 24P
Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1256 ONSEMI-NCP1256 Datasheet
398Kb / 24P
Low Power Offline PWM Current Mode Controller
December, 2015 ??Rev. 3
NCP1361 ONSEMI-NCP1361 Datasheet
357Kb / 26P
Low Power Offline Constant Current PWM Current-Mode Controller
October, 2015 ??Rev. 1
NCP12510 ONSEMI-NCP12510 Datasheet
607Kb / 27P
Current-Mode PWM Controller for Off-line Power Supplies
September, 2016 ??Rev. 1
NCP12600 ONSEMI-NCP12600 Datasheet
515Kb / 24P
Multi-Mode Controller for Offline Power Supplies
January, 2018 ??Rev. 0
NCP12510 ONSEMI-NCP12510_V01 Datasheet
819Kb / 28P
Current-Mode PWM Controller for Off-line Power Supplies
February, 2021 - Rev. 6
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com