Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG3241 Datasheet (PDF) - Analog Devices

ADG3241 Datasheet PDF - Analog Devices
Part # ADG3241
Download  ADG3241 Download
File Size   313.27 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66

ADG3241 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG3241 Datasheet PDF - Analog Devices

Part # ADG3241
Download  ADG3241 Click to download

File Size   313.27 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66

ADG3241 Datasheet (HTML) - Analog Devices


ADG3241 Product details

GENERAL DESCRIPTION
The ADG3241 is a 2.5 V or 3.3 V single digital switch. It is designed on a low voltage CMOS process that provides low power dissipation yet gives high switching speed and very low on resistance. This allows the input to be connected to the output without additional propagation delay or generating additional ground bounce noise.
The switch is enabled by means of the bus enable (BE) input signal. This digital switch allows a bidirectional signal to be switched when on. In the off condition, signal levels up to the supplies are blocked.
This device is ideal for applications requiring level translation. When operated from a 3.3 V supply, level translation from 3.3 V inputs to 2.5 V outputs is allowed. Similarly, if the device is operated from a 2.5 V supply and 2.5 V inputs are applied, the device translates the outputs to 1.8 V. In addition to this, a level
translating select pin (SELSEL) is included. When is low, VCC is reduced internally, allowing for level translation between 3.3 V inputs and 1.8 V outputs. This makes the device suited to applications requiring level translation between different supplies, such as converter to DSP/microcontroller interfacing.

FEATURES
225 ps propagation delay through the switch
4.5 Ω switch connection between ports
Data rate 1.5 Gbps
2.5 V/3.3 V supply operation
Selectable level shifting/translation
Level translation
3.3 V to 2.5 V
3.3 V to 1.8 V
2.5 V to 1.8 V
Small signal bandwidth 770 MHz
Tiny 6-lead SC70 package and 6-lead SOT-66 package

APPLICATIONS
3.3 V to 1.8 V voltage translation
3.3 V to 2.5 V voltage translation
2.5 V to 1.8 V voltage translation
Bus switching
Bus isolation
Hot swap
Hot plug
Analog switch applications




Similar Part No. - ADG3241

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3241 AD-ADG3241 Datasheet
213Kb / 12P
2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
10/04-Data Sheet changed from REV. 0 to REV. A.
ADG3241 AD-ADG3241 Datasheet
1Mb / 10P
Analog Front End and Digital Interface for Serial LVDS SAR ADCs
Rev. 0
ADG3241BKS-500RL7 AD-ADG3241BKS-500RL7 Datasheet
213Kb / 12P
2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
10/04-Data Sheet changed from REV. 0 to REV. A.
ADG3241BKS-REEL AD-ADG3241BKS-REEL Datasheet
213Kb / 12P
2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
10/04-Data Sheet changed from REV. 0 to REV. A.
ADG3241BKS-REEL7 AD-ADG3241BKS-REEL7 Datasheet
213Kb / 12P
2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
10/04-Data Sheet changed from REV. 0 to REV. A.
More results


Similar Description - ADG3241

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3241 AD-ADG3241 Datasheet
213Kb / 12P
2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
10/04-Data Sheet changed from REV. 0 to REV. A.
ADG3242 AD-ADG3242 Datasheet
247Kb / 12P
2.5 V/3.3 V, 2-Bit, Common Control Level Translator Bus Switch
REV.0
ADG3243 AD-ADG3243 Datasheet
187Kb / 12P
2.5 V/3.3 V, 2-Bit, Individual Control Level Translator Bus Switch
REV.0
ADG3242 AD-ADG3242_06 Datasheet
399Kb / 16P
2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
REV. A
ADG3245BRU AD-ADG3245BRU Datasheet
324Kb / 12P
2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
REV. B
ADG3241 AD-ADG3241_15 Datasheet
313Kb / 16P
2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
REV. B
ADG3242 AD-ADG3242_15 Datasheet
680Kb / 16P
2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
REV. A
ADG3243 AD-ADG3243_15 Datasheet
216Kb / 12P
2.5 V/3.3 V, 2-Bit, Individual Control Level Translator Bus Switch
REV. 0
ADG3246 AD-ADG3246_15 Datasheet
367Kb / 12P
2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3242 AD-ADG3242_V01 Datasheet
680Kb / 16P
2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com