Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG3245 Datasheet (PDF) - Analog Devices

ADG3245 Datasheet PDF - Analog Devices
Part # ADG3245
Download  ADG3245 Download
File Size   320.23 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch

ADG3245 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG3245 Datasheet PDF - Analog Devices

Part # ADG3245
Download  ADG3245 Click to download

File Size   320.23 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch

ADG3245 Datasheet (HTML) - Analog Devices


ADG3245 Product details

GENERAL DESCRIPTION
The ADG3245 is a 2.5 V or 3.3 V, 8-bit, 2-port digital switch.
It is designed on Analog Devices’ low voltage CMOS process,
which provides low power dissipation yet gives high switching
speed and very low on resistance, allowing inputs to be connected
to outputs without additional propagation delay or generating
additional ground bounce noise.
The switches are enabled by means of the bus enable (BE) input
signal. These digital switches allow bidirectional signals to be
switched when ON. In the OFF condition, signal levels up to
the supplies are blocked.
This device is ideal for applications requiring level translation.
When operated from a 3.3 V supply, level translation from 3.3 V
inputs to 2.5 V outputs is allowed. Similarly, if the device is
operated from a 2.5 V supply and 2.5 V inputs are applied, the
device will translate the outputs to 1.8 V. In addition to this, a
level translating select pin (SEL) is included. When SEL is low,
VCC is reduced internally, allowing for level translation between
3.3 V inputs and 1.8 V outputs. This makes the device suited to
applications requiring level translation between different supplies,
such as converter to DSP/microcontroller interfacing.

FEATURES
225 ps Propagation Delay through the Switch
4.5  Switch Connection between Ports
Data Rate 1.244 Gbps
2.5 V/3.3 V Supply Operation
Selectable Level Shifting/Translation
Level Translation
3.3 V to 2.5 V
3.3 V to 1.8 V
2.5 V to 1.8 V
Small Signal Bandwidth 610 MHz
20-Lead TSSOP and LFCSP Packages

APPLICATIONS
3.3 V to 1.8 V Voltage Translation
3.3 V to 2.5 V Voltage Translation
2.5 V to 1.8 V Voltage Translation
Bus Switching
Bus Isolation
Hot Swap
Hot Plug
Analog Switch Applications




Similar Part No. - ADG3245

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3245 AD-ADG3245 Datasheet
333Kb / 12P
2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
ADG3245 AD-ADG3245 Datasheet
324Kb / 12P
2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
REV. B
ADG3245BRU AD-ADG3245BRU Datasheet
324Kb / 12P
2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
REV. B
ADG3245 AD-ADG3245_15 Datasheet
324Kb / 12P
2.5V/3.3V 8 Bit 2 Port Level Translating Bus Switch
REV. B
More results


Similar Description - ADG3245

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3245 AD-ADG3245 Datasheet
333Kb / 12P
2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
ADG3247 AD-ADG3247 Datasheet
204Kb / 12P
2.5 V/3.3 V, 16-Bit, 2-Port Level Translating, Bus Switch
ADG3246 AD-ADG3246 Datasheet
353Kb / 12P
2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
ADG3242 AD-ADG3242 Datasheet
247Kb / 12P
2.5 V/3.3 V, 2-Bit, Common Control Level Translator Bus Switch
REV.0
ADG3246BCPZ AD-ADG3246BCPZ Datasheet
367Kb / 12P
2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3247BRUZ AD-ADG3247BRUZ Datasheet
391Kb / 12P
2.5 V/3.3 V, 16-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3245BRU AD-ADG3245BRU Datasheet
324Kb / 12P
2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
REV. B
ADG3246 AD-ADG3246_15 Datasheet
367Kb / 12P
2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3247 AD-ADG3247_15 Datasheet
390Kb / 12P
2.5 V/3.3 V, 16-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3246 AD-ADG3246_V01 Datasheet
651Kb / 17P
2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com