Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG3246 Datasheet (PDF) - Analog Devices

ADG3246 Datasheet PDF - Analog Devices
Part # ADG3246
Download  ADG3246 Download
File Size   651.19 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch

ADG3246 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG3246 Datasheet PDF - Analog Devices

Part # ADG3246
Download  ADG3246 Click to download

File Size   651.19 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch

ADG3246 Datasheet (HTML) - Analog Devices


ADG3246 Product details

GENERAL DESCRIPTION
The ADG3246 is a 2.5 V or 3.3 V, 10-bit, 2-port digital switch. It
is designed on Analog Devices’ low voltage CMOS process, which
provides low power dissipation yet gives high switching speed
and very low on resistance, allowing inputs to be connected to outputs
without additional propagation delay or generating additional
ground bounce noise.
The switches are enabled by means of the bus enable (BE)
input signal. These digital switches allow bidirectional signals to
be switched when ON. In the OFF condition, signal levels up to the
supplies are blocked.
This device is ideal for applications requiring level translation. When
operated from a 3.3 V supply, level translation from 3.3 V inputs
to 2.5 V outputs occurs. Similarly, if the device is operated from a
2.5 V supply and 2.5 V inputs are applied, the device will translate
the outputs to 1.8 V. In addition to this, the ADG3246 has a level
translating select pin (SEL). When SEL is low, VCC is reduced
internally, allowing for level translation between 3.3 V inputs and 1.8
V outputs. This makes the device suited to applications requiring
level translation between different supplies, such as converter to
DSP/microcontroller interfacing.

FEATURES
► 225 ps Propagation Delay through the Switch
► 4.5 Ω Switch Connection between Ports
► Data Rate 1.244 Gbps
► 2.5 V/3.3 V Supply Operation
► Selectable Level Shifting/Translation
► Small Signal Bandwidth 610 MHz
► Level Translation
► 3.3 V to 2.5 V
► 3.3 V to 1.8 V
► 2.5 V to 1.8 V
► 24-Lead LFCSP Package

APPLICATIONS
► 3.3 V to 1.8 V Voltage Translation
► 3.3 V to 2.5 V Voltage Translation
► 2.5 V to 1.8 V Voltage Translation
► Bus Switching
► Bus Isolation
► Hot Swap
► Hot Plug
► Analog Signal Switching




Similar Part No. - ADG3246

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3246 AD-ADG3246 Datasheet
353Kb / 12P
2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
ADG3246BCP AD-ADG3246BCP Datasheet
353Kb / 12P
2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
ADG3246BCP AD-ADG3246BCP Datasheet
367Kb / 12P
2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3246BCP-REEL7 AD-ADG3246BCP-REEL7 Datasheet
367Kb / 12P
2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3246BCPZ AD-ADG3246BCPZ Datasheet
367Kb / 12P
2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. 0
More results


Similar Description - ADG3246

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3245 AD-ADG3245 Datasheet
333Kb / 12P
2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
ADG3247 AD-ADG3247 Datasheet
204Kb / 12P
2.5 V/3.3 V, 16-Bit, 2-Port Level Translating, Bus Switch
ADG3246 AD-ADG3246 Datasheet
353Kb / 12P
2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
ADG3242 AD-ADG3242 Datasheet
247Kb / 12P
2.5 V/3.3 V, 2-Bit, Common Control Level Translator Bus Switch
REV.0
ADG3246BCPZ AD-ADG3246BCPZ Datasheet
367Kb / 12P
2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3247BRUZ AD-ADG3247BRUZ Datasheet
391Kb / 12P
2.5 V/3.3 V, 16-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3245BRU AD-ADG3245BRU Datasheet
324Kb / 12P
2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
REV. B
ADG3246 AD-ADG3246_15 Datasheet
367Kb / 12P
2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3247 AD-ADG3247_15 Datasheet
390Kb / 12P
2.5 V/3.3 V, 16-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3245 AD-ADG3245_V01 Datasheet
320Kb / 12P
2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com