Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG3257 Datasheet (PDF) - Analog Devices

ADG3257 Datasheet PDF - Analog Devices
Part # ADG3257
Download  ADG3257 Download
File Size   420.1 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed, 3.3 V/5 V Quad 2:1 Mux/Demux (4-Bit, 1 of 2) Bus Switch

ADG3257 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG3257 Datasheet PDF - Analog Devices

Part # ADG3257
Download  ADG3257 Click to download

File Size   420.1 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed, 3.3 V/5 V Quad 2:1 Mux/Demux (4-Bit, 1 of 2) Bus Switch

ADG3257 Datasheet (HTML) - Analog Devices


ADG3257 Product details

GENERAL DESCRIPTION
The ADG3257 is a CMOS bus switch comprised of four 2:1 multiplexers/demultiplexers with high impedance outputs. The device is manufactured on a CMOS process. This provides low power dissipation yet high switching speed and very low on resistance, allowing the inputs to be connected to the outputs without adding propagation delay or generating additional ground bounce noise.
The ADG3257 operates from a single 3.3 V/5 V supply. The control logic for each switch is shown in Table 1. These switches are bidirectional when on. In the off state, signal levels are blocked up to the supplies. When the power supply is off, the switches remain in the off state, isolating Port A and Port B.
This bus switch is suited to both switching and level translation applications. It can be used in applications requiring level trans-lation from 3.3 V to 2.5 V when powered from 3.3 V. Additionally, with a diode connected in series with 5 V VDD, the ADG3257 may also be used in applications requiring 5 V to 3.3 V level translation.

FEATURES
100 ps propagation delay through the switch
2 Ω switches connect inputs to outputs
Data rates up to 933 Mbps
Single 3.3 V/5 V supply operation
Level translation operation
Ultralow quiescent supply current (1 nA typical)
3.5 ns switching
Switches remain in the off state when power is off
Standard 3257 type pinout

APPLICATIONS
Bus switching
Bus isolation
Level translation
Memory switching/interleaving




Similar Part No. - ADG3257

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3257 AD-ADG3257 Datasheet
173Kb / 8P
High Speed, 3.3 V/5 V Quad 2:1 Mux/Demux (4-Bit, 1 of 2) Bus Switch
4/03-Data Sheet changed from REV. B to REV. C.
ADG3257BRQ AD-ADG3257BRQ Datasheet
173Kb / 8P
High Speed, 3.3 V/5 V Quad 2:1 Mux/Demux (4-Bit, 1 of 2) Bus Switch
4/03-Data Sheet changed from REV. B to REV. C.
ADG3257BRQ AD-ADG3257BRQ Datasheet
420Kb / 12P
High Speed, 3.3 V/5 V Quad 2:1 Mux/Demux (4-Bit, 1 of 2) Bus Switch
Rev. E
ADG3257BRQ-REEL AD-ADG3257BRQ-REEL Datasheet
420Kb / 12P
High Speed, 3.3 V/5 V Quad 2:1 Mux/Demux (4-Bit, 1 of 2) Bus Switch
Rev. E
ADG3257BRQ-REEL7 AD-ADG3257BRQ-REEL7 Datasheet
420Kb / 12P
High Speed, 3.3 V/5 V Quad 2:1 Mux/Demux (4-Bit, 1 of 2) Bus Switch
Rev. E
More results


Similar Description - ADG3257

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3257 AD-ADG3257 Datasheet
173Kb / 8P
High Speed, 3.3 V/5 V Quad 2:1 Mux/Demux (4-Bit, 1 of 2) Bus Switch
4/03-Data Sheet changed from REV. B to REV. C.
logo
Pericom Semiconductor C...
PI3B3257 PERICOM-PI3B3257 Datasheet
192Kb / 5P
3.3V, Quad 2:1 Mux/Demux Bus Switch
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
2:1 Mux/Demux Bus Switch
logo
Integrated Device Techn...
IDT74FST3257 IDT-IDT74FST3257 Datasheet
146Kb / 5P
QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
Quad 2:1 Mux/DeMux Bus Switch
logo
Analog Devices
ADG3257BRQ-REEL AD-ADG3257BRQ-REEL Datasheet
420Kb / 12P
High Speed, 3.3 V/5 V Quad 2:1 Mux/Demux (4-Bit, 1 of 2) Bus Switch
Rev. E
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Analog Devices
ADG3257 AD-ADG3257_15 Datasheet
420Kb / 12P
High Speed, 3.3 V/5 V Quad 2 1 Mux/Demux
Rev. E
logo
Unisonic Technologies
US5C3257 UTC-US5C3257_15 Datasheet
139Kb / 6P
QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
ON Semiconductor
NL3HS3124A ONSEMI-NL3HS3124A Datasheet
120Kb / 7P
3.3 V, 2 Channel, 2:1 Differential Mux/Demux
December, 2016 ??Rev. 1
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com