Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8440CHIPS Datasheet (PDF) - Analog Devices

ADMV8440CHIPS Datasheet PDF - Analog Devices
Part # ADMV8440CHIPS
Download  ADMV8440CHIPS Download
File Size   662.89 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20 GHz to 40 GHz, Tunable Band-Pass Filter

ADMV8440CHIPS Datasheet (PDF)

Go To PDF Page Download Datasheet
ADMV8440CHIPS Datasheet PDF - Analog Devices

Part # ADMV8440CHIPS
Download  ADMV8440CHIPS Click to download

File Size   662.89 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20 GHz to 40 GHz, Tunable Band-Pass Filter

ADMV8440CHIPS Datasheet (HTML) - Analog Devices


ADMV8440CHIPS Product details

GENERAL DESCRIPTION
The ADMV8440CHIPS is a monolithic microwave integrated circuit
(MMIC), tunable band-pass filter that features a user‑selectable
pass-band frequency of operation. The center frequency (fCENTER)
typically varies between 19 GHz and 38 GHz by applying a center
frequency control voltage (VFCTL) between 0 V and 15 V. Additionally,
the usable pass-band frequencies (fL3dB and fU3dB) are specified
from 20 GHz to 40 GHz.
The wideband rejection at half of the fCENTER is typically 40 dB,
which is ideally suitable for improving system level harmonic performance.
This tunable filter is a smaller alternative to switched filter
banks and cavity tuned filters. The ADMV8440CHIPS has minimal
microphonics due to the monolithic design and provides a dynamically
adjustable solution in advanced communications applications.

FEATURES
► Amplitude settling time: 200 ns
► Wideband rejection: ≥40 dB
► Single-chip implementation
► 8-pad, 2.55 mm × 1.18 mm × 0.15 mm, RoHS-compliant CHIP

APPLICATIONS
► Airport scanners
► Test and measurement equipment
► Military radar and electronic warfare systems
► Very small aperture terminal (VSAT) communications




Similar Part No. - ADMV8440CHIPS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMV8416 AD-ADMV8416 Datasheet
567Kb / 16P
6.3 GHz to 18 GHz, Tunable Band-Pass Filter
10/2020-Rev. 0 to Rev. A
ADMV8416-EVALZ AD-ADMV8416-EVALZ Datasheet
567Kb / 16P
6.3 GHz to 18 GHz, Tunable Band-Pass Filter
10/2020-Rev. 0 to Rev. A
ADMV8416ACPZ AD-ADMV8416ACPZ Datasheet
567Kb / 16P
6.3 GHz to 18 GHz, Tunable Band-Pass Filter
10/2020-Rev. 0 to Rev. A
ADMV8416ACPZ-R5 AD-ADMV8416ACPZ-R5 Datasheet
567Kb / 16P
6.3 GHz to 18 GHz, Tunable Band-Pass Filter
10/2020-Rev. 0 to Rev. A
ADMV8420 AD-ADMV8420 Datasheet
494Kb / 14P
10 GHz to 21.7 GHz, Tunable Band-Pass Filter
10/2020-Rev. A to Rev. B
More results


Similar Description - ADMV8440CHIPS

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC891LP5E HITTITE-HMC891LP5E_09 Datasheet
689Kb / 8P
FILTER - TUNABLE, BAND PASS SMT 2.0 - 3.9 GHz
HMC890LP5E_1007 HITTITE-HMC890LP5E_1007 Datasheet
1Mb / 8P
FILTER - TUNABLE, BAND PASS SMT 1 - 2 GHz
HMC895LP4E HITTITE-HMC895LP4E Datasheet
960Kb / 8P
FILTER - TUNABLE, BAND PASS SMT 6.8 - 12.6 GHz
HMC899 HITTITE-HMC899 Datasheet
907Kb / 8P
FILTER - TUNABLE, BAND PASS 19 - 38 GHz
logo
Analog Devices
HMC890ALP5E AD-HMC890ALP5E Datasheet
486Kb / 11P
1.0 GHz to 1.9 GHz Tunable Band-Pass Filter
8/2018-Revision 0
HMC891ALP5E AD-HMC891ALP5E Datasheet
546Kb / 11P
1.95 GHz to 3.4 GHz, Tunable Band-Pass Filter
9/2018-Revision 0
ADMV8416 AD-ADMV8416 Datasheet
567Kb / 16P
6.3 GHz to 18 GHz, Tunable Band-Pass Filter
10/2020-Rev. 0 to Rev. A
ADMV8420 AD-ADMV8420 Datasheet
494Kb / 14P
10 GHz to 21.7 GHz, Tunable Band-Pass Filter
10/2020-Rev. A to Rev. B
ADMV8432 AD-ADMV8432 Datasheet
587Kb / 17P
15.1 GHz to 32 GHz, Tunable Band-Pass Filter
3/2021-Rev. 0 to Rev. A
ADMV8526 AD-ADMV8526 Datasheet
1Mb / 31P
1.25 GHz to 2.60 GHz Digitally Tunable Band-Pass Filter
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com