Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5585 Datasheet (PDF) - Analog Devices

ADP5585 Datasheet PDF - Analog Devices
Part # ADP5585
Download  ADP5585 Download
File Size   605.91 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Keypad Decoder and I/O Expansion

ADP5585 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP5585 Datasheet PDF - Analog Devices

Part # ADP5585
Download  ADP5585 Click to download

File Size   605.91 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Keypad Decoder and I/O Expansion

ADP5585 Datasheet (HTML) - Analog Devices


ADP5585 Product details

GENERAL DESCRIPTION
The ADP5585 is a 10 input/output port expander with a built in keypad matrix decoder, programmable logic, reset generator, and PWM generator. Input/output expander ICs are used in portable devices (phones, remote controls, and cameras) and nonportable applications (healthcare, industrial, and instrumentation). I/O expanders can be used to increase the number of I/Os available to a processor or to reduce the number of I/Os required through interface connectors for front panel designs.
The ADP5585 handles all key scanning and decoding and can flag the main processor via an interrupt line that new key events have occurred. GPI changes and logic changes can also be tracked
as events via the FIFO, eliminating the need to monitor different registers for event changes. The ADP5585 is equipped with a FIFO to store up to 16 events. Events can be read back by the processor via an I2C-compatible interface.
The ADP5585 frees up the main processor from having to monitor the keypad, thereby reducing power consumption and/or increasing processor bandwidth for performing other functions.
The programmable logic functions allow common logic require-ments to be integrated as part of the GPIO expander, thus saving board area and cost.

FEATURES
16-element FIFO for event recording
10 configurable I/Os allowing functions such as
Key pad decoding for a matrix of up to 5 × 5
11 GPIOs (5 × 6) with ADP5585ACxZ-01-R7 models
Key press/release interrupts
GPIO functions
GPI with selectable interrupt level
100 kΩ or 300 kΩ pull-up resistors
300 kΩ pull-down resistors
GPO with push-pull or open-drain
Programmable logic block
PWM generator
Internal PWM generation
External PWM with internal PWM AND function
Reset generators
I2C interface with fast mode plus (Fm+) support of up to 1 MHz
Open-drain interrupt output
16-ball WLCSP, 1.59 mm × 1.59 mm
16-lead LFCSP, 3 mm × 3 mm

APPLICATIONS
Keypad entries and input/output expansion capabilities
Smart phones, remote controls, and cameras
Healthcare, industrial, and instrumentation




Similar Part No. - ADP5585

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5585 AD-ADP5585 Datasheet
83Kb / 2P
Keypad Decoder and I/O Expansion GPIO functions GPIO functions
Rev. Sp0
ADP5585 AD-ADP5585 Datasheet
605Kb / 40P
Keypad Decoder and I/O Expansion
REV. C
ADP5585ACBZ-00-R7 AD-ADP5585ACBZ-00-R7 Datasheet
605Kb / 40P
Keypad Decoder and I/O Expansion
REV. C
ADP5585ACBZ-01-R7 AD-ADP5585ACBZ-01-R7 Datasheet
605Kb / 40P
Keypad Decoder and I/O Expansion
REV. C
ADP5585ACBZ-02-R7 AD-ADP5585ACBZ-02-R7 Datasheet
605Kb / 40P
Keypad Decoder and I/O Expansion
REV. C
More results


Similar Description - ADP5585

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8333 NSC-LM8333 Datasheet
777Kb / 17P
Keypad Controller with I/O Expansion and ACCESS.bus Host Interface
logo
Analog Devices
ADP5588 AD-ADP5588 Datasheet
522Kb / 28P
Keypad I/O Expander
REV. A
ADP5587 AD-ADP5587_1 Datasheet
347Kb / 24P
Mobile I/O Expander and QWERTY Keypad Controller
REV. B
ADP5585 AD-ADP5585 Datasheet
83Kb / 2P
Keypad Decoder and I/O Expansion GPIO functions GPIO functions
Rev. Sp0
logo
List of Unclassifed Man...
VL-SPX-1 ETC2-VL-SPX-1 Datasheet
457Kb / 2P
Simplified I/O Expansion
logo
Analog Devices
ADP5586 AD-ADP5586 Datasheet
612Kb / 44P
Keypad Decoder and I/O Port Expander
REV. 0
ADP5589ACPZ-00-R7 AD-ADP5589ACPZ-00-R7 Datasheet
644Kb / 52P
Keypad Decoder and I/O Expansion
REV. B
ADP5585ACPZ-00-R7 AD-ADP5585ACPZ-00-R7 Datasheet
605Kb / 40P
Keypad Decoder and I/O Expansion
REV. C
ADP5587 AD-ADP5587_V01 Datasheet
1Mb / 24P
Mobile I/O Expander and QWERTY Keypad Controller
Rev. E
ADP5589 AD-ADP5589 Datasheet
644Kb / 52P
Keypad Decoder and I/O Expansion
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com