Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5587CB-EVALZ Datasheet (PDF) - Analog Devices

ADP5587CB-EVALZ Datasheet PDF - Analog Devices
Part # ADP5587CB-EVALZ
Download  ADP5587CB-EVALZ Download
File Size   1303.9 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Mobile I/O Expander and QWERTY Keypad Controller

ADP5587CB-EVALZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP5587CB-EVALZ Datasheet PDF - Analog Devices

Part # ADP5587CB-EVALZ
Download  ADP5587CB-EVALZ Click to download

File Size   1303.9 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Mobile I/O Expander and QWERTY Keypad Controller

ADP5587CB-EVALZ Datasheet (HTML) - Analog Devices


ADP5587CB-EVALZ Product details

GENERAL DESCRIPTION
The ADP5587 is an I/O port expander and keypad matrix
designed for QWERTY type phones that require a large keypad
matrix and expanded I/O lines. I/O expander ICs are used in
mobile platforms as a solution to the limited number of GPIOs
available in the main processor. In its small 2 mm × 2 mm package, the ADP5587 contains
enough power to handle all key scanning and decoding and to flag the processor of key presses and releases via the I2C
interface and interrupt. The ADP5587 frees the main micro-
processor from the need to monitor the keypad, thereby
minimizing current drain and increasing processor bandwidth. The ADP5587 is also equipped with a buffer/FIFO and key
event counter to handle and keep track of up to 10 unprocessed key or GPI events with overflow wrap and interrupt capability. The ADP5587 has keypad lock capability with an option to trigger or not trigger an interrupt at key presses and releases.
All communication to the main processor is done using one interrupt line and two I2C-compatible interface lines. The ADP5587 can be configured as a keypad matrix of up to 8 rows × 10 columns (a maximum of 80 keys). When the ADP5587 is used for smaller keypad matrices, unused row and column pins can be reconfigured to act as general-
purpose inputs or outputs. R0 to R7 denote the row pins of the matrix, whereas C0 to C9 denote the column pins. At power-up, all rows and columns default to GPIs and must be programmed to function as part of the keypad matrix or as GPOs. Two options for I2C addresses exist for the LFCSP package to reduce the chance of port contention and allow up to two
ADP5587 ICs to operate on the same I2C bus (see the Ordering Guide).

FEATURES 18-GPIO port expander or 10 × 8 keypad matrix
GPIOs configurable as GPIs, GPOs, and keypad rows or
columns I2C interface with auto-increment
1.65 V to 3.6 V operation
Keypad lock capability
Open-drain interrupt output Key press and key release interrupts
GPI interrupt with level programmability Programmable pull-ups
Key event counter with overflow interrupt
275 μs debounce on the reset line and GPIs 1 μA typical idle current 55 μA typical polling current
4 mm × 4 mm LFCSP package
Small 2 mm x 2 mm WLCSP package, 0.4 mm pitch
Multiple I2C addresses available for the LFCSP package to allow multiple port expanders on the same bus

APPLICATIONS
Keypad and I/O expander designed for QWERTY type phones that require a large keypad matrix




Similar Part No. - ADP5587CB-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5587 AD-ADP5587 Datasheet
340Kb / 24P
Mobile I/O Expander and QWERTY Keypad Controller
REV. 0
ADP5587 AD-ADP5587 Datasheet
347Kb / 24P
Mobile I/O Expander and QWERTY Keypad Controller
REV. B
ADP5587ACBZ-R7 AD-ADP5587ACBZ-R7 Datasheet
347Kb / 24P
Mobile I/O Expander and QWERTY Keypad Controller
REV. B
ADP5587ACPZ-R7 AD-ADP5587ACPZ-R7 Datasheet
340Kb / 24P
Mobile I/O Expander and QWERTY Keypad Controller
REV. 0
ADP5587ACPZ-R7 AD-ADP5587ACPZ-R7 Datasheet
347Kb / 24P
Mobile I/O Expander and QWERTY Keypad Controller
REV. B
More results


Similar Description - ADP5587CB-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5588 AD-ADP5588 Datasheet
522Kb / 28P
Keypad I/O Expander
REV. A
ADP5587 AD-ADP5587 Datasheet
340Kb / 24P
Mobile I/O Expander and QWERTY Keypad Controller
REV. 0
ADP5587 AD-ADP5587_1 Datasheet
347Kb / 24P
Mobile I/O Expander and QWERTY Keypad Controller
REV. B
ADP5586 AD-ADP5586 Datasheet
612Kb / 44P
Keypad Decoder and I/O Port Expander
REV. 0
ADP5589ACPZ-00-R7 AD-ADP5589ACPZ-00-R7 Datasheet
644Kb / 52P
Keypad Decoder and I/O Expansion
REV. B
ADP5585ACPZ-00-R7 AD-ADP5585ACPZ-00-R7 Datasheet
605Kb / 40P
Keypad Decoder and I/O Expansion
REV. C
logo
Micrel Semiconductor
MIC74 MICREL-MIC74_14 Datasheet
781Kb / 20P
2-Wire Serial I/O Expander and Fan Controller
logo
Analog Devices
ADP5585 AD-ADP5585_V01 Datasheet
605Kb / 40P
Keypad Decoder and I/O Expansion
Rev. C
ADP5588 AD-ADP5588_V01 Datasheet
871Kb / 28P
Mobile I/O Expander and QWERTY Keypad Controller
Rev. D
ADP5589 AD-ADP5589 Datasheet
644Kb / 52P
Keypad Decoder and I/O Expansion
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com