Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8356-1 Datasheet (PDF) - Analog Devices

LT8356-1 Datasheet PDF - Analog Devices
Part # LT8356-1
Download  LT8356-1 Download
File Size   2447.69 Kbytes
Page   30 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 60VIN/120VOUT Dual LED Controller with Exponential PWM and Scalable Dimming

LT8356-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT8356-1 Datasheet PDF - Analog Devices

Part # LT8356-1
Download  LT8356-1 Click to download

File Size   2447.69 Kbytes
Page   30 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 60VIN/120VOUT Dual LED Controller with Exponential PWM and Scalable Dimming

LT8356-1 Datasheet (HTML) - Analog Devices


LT8356-1 Product details

DESCRIPTION
The LT®8355-1 a dual-channel DC/DC controller designed
to drive two strings of high current LEDs. The fixed frequency,
current mode architecture results in stable operation
over a wide range of supply and output voltages.
Voltage feedback pins serve as the inputs for several LED
protection features and makes it possible for the converters
to operate as a constant-voltage sources.
The LT8355-1 senses output current at the high or low
side of the load. The product of CTRL2 and IADJ2 inputs
provides analog programming of the output current for
channel 2. Channel 1 output current is programmed
through CTRL1 input. The PWM input and PWMTG high
side PMOS driver provides precision time-based LED
dimming capability. When driven by an external digital
signal, the PWM input provides LED dimming ratios of up
to 20,000:1 at 100Hz. When driven by a constant voltage,
the PWM input selects from one of 128 internally generated,
precision, exponentially spaced dimming ratios
ranging from 0.78% up to 100%.

FEATURES
- Two independent High Voltage LED Driver Controllers Channels
- 128:1 Internal Exponential PWM Dimming
- Two-Pin Multiplying Analog Dimming (CH2)
- Spread Spectrum Frequency Modulation
- 20,000:1 External PWM Dimming at 100Hz
- Rail-to-Rail LED Current Sensing: 0V to 120V
- ±2% LED Current Regulation
- ±2% Output Voltage Regulation
- LED Short/Open Protection and Indication
- Wide Input Voltage Range (5V to 60V)
- PMOS Switch Driver for PWM and Output Disconnect
- Independent Channel Dimming
- Constant-Voltage and Constant-Current Regulation
- Adjustable Switching Frequency 100kHz to 2MHz
- Independent OPEN/SHORT LED FAULT per channel
- Programmable VIN UVLO with Hysteresis
- Side Solderable 28-Lead 4mm × 5mm QFN Package
- AEC-Q100 Qualified for Automotive Applications

APPLICATIONS
- High Voltage LED Applications
- Automotive Head Lamps/Running Lamps
- Accurate Current Limited Voltage Regulator




Similar Part No. - LT8356-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8356-1 AD-LT8356-1 Datasheet
4Mb / 31P
60VIN/120VOUT Dual LED Controller with Exponential PWM and Scalable Dimming
Rev. A
More results


Similar Description - LT8356-1

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SD42511 SILAN-SD42511 Datasheet
645Kb / 9P
1A WHITE LED DRIVER WITH PWM DIMMING CONTROLLER
logo
Linear Technology
LT3761 LINER-LT3761_15 Datasheet
393Kb / 28P
60VIN LED Controller with Internal PWM Generator
logo
Texas Instruments
TPS92518-Q1 TI1-TPS92518-Q1 Datasheet
204Kb / 7P
Automotive Dual Channel Buck LED Controller with SPI Interface, Analog and PWM Dimming
TPS92518 TI1-TPS92518 Datasheet
1Mb / 59P
Dual Channel Buck LED Controller with SPI Interface, Analog and PWM Dimming
logo
Linear Technology
LT3761EMSE LINER-LT3761EMSE Datasheet
305Kb / 8P
High Voltage LED Controller with Internal PWM Dimming
LT3761 LINER-LT3761 Datasheet
584Kb / 32P
60VIN LED Controller with Internal PWM Generator
LT3761A LINER-LT3761A Datasheet
649Kb / 30P
60VIN LED Controller with Internal PWM Generator
logo
Analog Devices
LT3950 AD-LT3950 Datasheet
2Mb / 26P
60V, 1.5A LED Driver with Internal Exponential Scale Dimming
LT8355-1 AD-LT8355-1_V01 Datasheet
4Mb / 31P
60VIN/120VOUT Dual LED Controller with Exponential PWM and Scalable Dimming
Rev. A
logo
Microchip Technology
MCP1633 MICROCHIP-MCP1633_V01 Datasheet
1Mb / 35P
Low-Side PWM Controller with LED Dimming Capability
Revision B May 2021
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com