Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3888 Datasheet (PDF) - Analog Devices

LTC3888 Datasheet PDF - Analog Devices
Part # LTC3888
Download  LTC3888 Download
File Size   1508.05 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SilentMOS Smart Power Stage in 5mm × 8mm LQFN

LTC3888 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3888 Datasheet PDF - Analog Devices

Part # LTC3888
Download  LTC3888 Click to download

File Size   1508.05 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SilentMOS Smart Power Stage in 5mm × 8mm LQFN

LTC3888 Datasheet (HTML) - Analog Devices


LTC3888 Product details

DESCRIPTION
The LTC®7051-1 monolithic power stage fully integrates
high speed drivers with low resistance half-bridge power
switches plus comprehensive monitoring and protection
circuitry in an electrically and thermally optimized package.
With a suitable high frequency controller, this power stage
forms a compact, high current voltage regulator system
with state-of-the-art efficiency and transient response.
SilentMOS technology utilizes second generation Silent
Switcher 2 architecture reducing both EMI and switchnode
voltage overshoot while maximizing efficiency at
high switching frequencies.
High speed current sensing provides low latency switch
current information, enabling tight current balancing and
immediate overcurrent protection.
Thermally-enhanced packaging provides 65A rated output
current capability.

FEATURES
- 140A Peak Output Current
- SilentMOS™ Smart Power Stage
- Utilizes Low EMI/EMC Silent Switcher®2 Architecture
- Ultra-low SW-Voltage Overshoot
- Frequency Up to 2MHz
- VIN Up to 16V
- Up to 94% Efficiency at 1MHz with 1.8VOUT
- Integrated Boost Diodes and Capacitors and Power Switches
- Accurate Switch Current Monitoring
- Power MOSFET Overcurrent Protection
- Input Overvoltage and Bias Undervoltage Protection
- Thermal Monitor with Overtemperature Flag
- 3.3V/5V Compatible Tri-State PWM Input
- 5mm × 8mm LQFN Package

APPLICATIONS
- High Current Servers and Workstations
- Networking/Telecom Microprocessor Supplies
- Small Form-Factor POL Converter




Similar Part No. - LTC3888

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC3888 AD-LTC3888 Datasheet
2Mb / 110P
Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
LTC3888 AD-LTC3888 Datasheet
1Mb / 16P
Dual SilentMOS Smart Power Stage in 5mm 횞 8mm LQFN
LTC3888 AD-LTC3888 Datasheet
1Mb / 26P
Quad Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
LTC3888 AD-LTC3888 Datasheet
3Mb / 118P
Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
Rev. B
LTC3888-1 AD-LTC3888-1 Datasheet
2Mb / 110P
Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
More results


Similar Description - LTC3888

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDMF3035 ONSEMI-FDMF3035 Datasheet
1Mb / 21P
Smart Power Stage (SPS) Module
November-2017, Rev. 2
FDMF3033 ONSEMI-FDMF3033 Datasheet
1Mb / 22P
Smart Power Stage (SPS) Module
February 2016 Rev. 1.0
FDMF3039 ONSEMI-FDMF3039 Datasheet
970Kb / 22P
Smart Power Stage (SPS) Module
August 2017 Rev. 2
FDMF5821DC ONSEMI-FDMF5821DC Datasheet
1Mb / 25P
Smart Power Stage (SPS) Module
October-2017, Rev. 2
FDMF5823DC ONSEMI-FDMF5823DC Datasheet
1Mb / 26P
Smart Power Stage (SPS) Module
Rev. 1.9
FDMF5833 ONSEMI-FDMF5833 Datasheet
2Mb / 25P
Smart Power Stage (SPS) Module
October-2017, Rev. 2
FDMF5839 ONSEMI-FDMF5839 Datasheet
1Mb / 30P
Smart Power Stage (SPS) Module
Rev. 1.9
FDMF3170 ONSEMI-FDMF3170 Datasheet
855Kb / 21P
Smart Power Stage (SPS) Modules
November 2016 Rev. 1.2
FDMF3180 ONSEMI-FDMF3180 Datasheet
254Kb / 4P
Smart Power Stage (SPS) Module
November 2016 Rev.1.0
logo
Analog Devices
LTC7050 AD-LTC7050 Datasheet
1Mb / 16P
Dual SilentMOS Smart Power Stage in 5mm 횞 8mm LQFN
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com