Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC23C14 Datasheet (PDF) - Texas Instruments

AMC23C14 Datasheet PDF - Texas Instruments
Part # AMC23C14_V01
Download  AMC23C14 Download
File Size   2106.02 Kbytes
Page   46 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AMC23C14 Dual, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold

AMC23C14 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC23C14 Datasheet PDF - Texas Instruments

Part # AMC23C14_V01
Download  AMC23C14 Click to download

File Size   2106.02 Kbytes
Page   46 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AMC23C14 Dual, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold

AMC23C14 Datasheet (HTML) - Texas Instruments


AMC23C14 Product details

1 Features
• Wide high-side supply range: 3 V to 27 V
• Low-side supply range: 2.7 V to 5.5 V
• Dual window comparator:
– Window comparator 1: ±20-mV to ±300-mV
adjustable threshold
– Window comparator 2: ±300-mV fixed threshold
• Supports positive-comparator mode:
– Cmp0: 600-mV to 2.7-V adjustable threshold
– Cmp2: 300-mV fixed threshold
– Cmp1 and Cmp3: Disabled
• Reference for threshold adjustment: 100 μA, ±2%
• Trip threshold error: ±1% (max) at 250 mV
• Open-drain outputs
• Propagation delay: 280 ns (typ)
• High CMTI: 15 V/ns (min)
• Safety-related certifications:
– 7000-VPK reinforced isolation per DIN EN IEC
60747-17 (VDE 0884-17)
– 5000-VRMS isolation for 1 minute per UL1577
• Fully specified over the extended industrial
temperature range: –40°C to +125°C

2 Applications
• Overcurrent or overvoltage detection in:
– Motor drives
– Frequency inverters
– Solar inverters
– DC/DC converters

3 Description
The AMC23C14 is a dual, isolated window
comparator with a short response time. The opendrain
outputs are separated from the input circuitry
by an isolation barrier that is highly resistant to
magnetic interference. This barrier is certified to
provide reinforced galvanic isolation of up to 5 kVRMS
according to VDE 0884-17 and UL1577, and supports
a working voltage of up to 1 kVPK.
Both comparators have windows that are centered
around 0 V, meaning that the comparators trip if the
input exceeds the thresholds in a positive or negative
direction. One comparator has fixed thresholds of
±300 mV. The second comparator has adjustable
thresholds from ±20 mV to ±300 mV through a single
external resistor.
The AMC23C14 also supports a positive-comparator
only mode. When the voltage on the REF pin
greater than 550 mV, the negative comparators
are disabled and only the positive comparators are
functional. The reference voltage in this mode can be
as high as 2.7 V. This mode is particularly useful for
monitoring positive voltage supplies.
The AMC23C14 is available in an 8-pin, wide-body
SOIC package and is specified over the extended
industrial temperature range of –40°C to +125°C.




Similar Part No. - AMC23C14_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC23C14 TI-AMC23C14 Datasheet
1Mb / 31P
AMC23C14 Dual, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold
FEBRUARY 2022
More results


Similar Description - AMC23C14_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC23C11 TI-AMC23C11 Datasheet
1Mb / 30P
AMC23C11 Fast Response, Reinforced Isolated Comparator With Adjustable Threshold and Latch Function
FEBRUARY 2022
AMC23C12 TI-AMC23C12 Datasheet
1Mb / 32P
AMC23C12 Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold and Latch Function
FEBRUARY 2022
AMC23C14 TI-AMC23C14 Datasheet
1Mb / 31P
AMC23C14 Dual, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold
FEBRUARY 2022
AMC23C12-Q1 TI-AMC23C12-Q1 Datasheet
1Mb / 33P
AMC23C12-Q1 Automotive, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold and Latch Function
MARCH 2022
AMC22C12 TI-AMC22C12 Datasheet
2Mb / 43P
AMC22C12 Fast Response, Basic Isolated Window Comparator With Adjustable Threshold and Latch Function
REVISED AUGUST 2022
AMC23C11 TI-AMC23C11_V01 Datasheet
1Mb / 41P
AMC23C11 Fast Response, Reinforced Isolated Comparator With Adjustable Threshold and Latch Function
REVISED JULY 2022
AMC23C12-Q1 TI-AMC23C12-Q1_V01 Datasheet
1Mb / 43P
AMC23C12-Q1 Automotive, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold and Latch Function
REVISED JULY 2022
AMC23C12 TI-AMC23C12_V01 Datasheet
1Mb / 44P
AMC23C12 Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold and Latch Function
REVISED JULY 2022
AMC23C15-Q1 TI-AMC23C15-Q1 Datasheet
1Mb / 42P
AMC23C15-Q1 Automotive, Dual, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold
MARCH 2023
AMC23C15 TI-AMC23C15 Datasheet
1Mb / 42P
AMC23C15 Dual, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold
MARCH 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com