Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS22963C Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS22963C Datasheet PDF - Texas Instruments
Part # TPS22963C
Download  TPS22963C Download
File Size   1085.16 Kbytes
Page   28 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS2296xC 5.5-V, 3-A, 13-mΩ On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On

TPS22963C Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS22963C Datasheet PDF - Texas Instruments

Part # TPS22963C
Download  TPS22963C Click to download

File Size   1085.16 Kbytes
Page   28 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS2296xC 5.5-V, 3-A, 13-mΩ On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On

TPS22963C Datasheet (HTML) - Texas Instruments


TPS22963C Product details

1 Features
• Integrated N-Channel Load Switch
• Input Voltage Range: 1 V to 5.5 V
• Internal Pass-FET RDSON = 8 mΩ (Typ)
• Ultra-Low ON-Resistance
– R ON = 13 mΩ (Typ) at VIN = 5 V
– RON = 14 mΩ (Typ) at VIN = 3.3 V
– RON = 18 mΩ (Typ) at VIN = 1.8 V
• 3A Maximum Continuous Switch Current
• Reverse Current Protection (When Disabled)
• Low Shutdown Current (760 nA)
• Low Threshold 1.3-V GPIO Control Input
• Controlled Slew-Rate to Avoid Inrush Current
• Quick Output Discharge (TPS22964 only)
• Six Terminal Wafer-Chip-Scale Package (Nominal
Dimensions Shown - See Addendum for Details)
– 0.9 mm x 1.4 mm, 0.5 mm Pitch, 0.5 mm
Height (YZP)
• ESD Performance Tested Per JESD 22
– 2-kV Human-Body Model (A114-B, Class II)
– 500-V Charged-Device Model (C101)

2 Applications
• Smartphones
• Notebook Computer and Ultrabook™
• Tablet PC Computer
• Solid State Drives (SSD)
• DTV/IP Set Top Box
• POS Terminals and Media Gateways

3 Description
The TPS22963/64 is a small, ultra-low RON load
switch with controlled turn on. The device contains a low RDSON N-Channel MOSFET that can operate over
an input voltage range of 1 V to 5.5 V and switch
currents of up to 3 A. An integrated charge pump
biases the NMOS switch in order to achieve a low
switch ON-Resistance. The switch is controlled by an
on/off input (ON), which is capable of interfacing
directly with low-voltage GPIO control signals. The
rise time of the TPS22963/64 device is internally
controlled in order to avoid inrush current.
The TPS22963/64 provides reverse current protection. When the power switch is disabled, the
device will not allow the flow of current towards the
input side of the switch. The reverse current
protection feature is active only when the device is
disabled so as to allow for intentional reverse current (when the switch is enabled) for some applications.
The TPS22963/64 is available in a small, space-
saving 6-pin WCSP package and is characterized for operation over the free air temperature range of
–40°C to 85°C.




Similar Part No. - TPS22963C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22963C TI1-TPS22963C Datasheet
1Mb / 23P
ULTRA-LOW ON-RESISTANCE, 3A LOAD SWITCH WITH REVERSE CURRENT PROTECTION AND CONTROLLED TURN-ON
TPS22963C TI1-TPS22963C Datasheet
1Mb / 28P
5.5-V, 3-A, 13-m廓 On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
TPS22963C TI2-TPS22963C Datasheet
1Mb / 28P
TPS2296xC 5.5-V, 3-A, 13-mΩ On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
REVISED JANUARY 2015
TPS22963CYZPR TI1-TPS22963CYZPR Datasheet
1Mb / 23P
ULTRA-LOW ON-RESISTANCE, 3A LOAD SWITCH WITH REVERSE CURRENT PROTECTION AND CONTROLLED TURN-ON
TPS22963CYZPR TI1-TPS22963CYZPR Datasheet
1Mb / 28P
5.5-V, 3-A, 13-m廓 On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
More results


Similar Description - TPS22963C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22963C TI1-TPS22963C Datasheet
1Mb / 23P
ULTRA-LOW ON-RESISTANCE, 3A LOAD SWITCH WITH REVERSE CURRENT PROTECTION AND CONTROLLED TURN-ON
logo
Global Mixed-mode Techn...
G5010 GMT-G5010 Datasheet
75Kb / 1P
Dual-Low On-Resistance Load Switch with Controlled Turn-On
logo
Advanced Power Electron...
APE8937 A-POWER-APE8937_16 Datasheet
1Mb / 14P
ULTRA LOW ON RESISTANCE 6A LOAD SWITCH WITH CONTROLLED TURN ON
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Texas Instruments
TPS22963C TI1-TPS22963C_15 Datasheet
1Mb / 28P
5.5-V, 3-A, 13-m廓 On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
TPS22995H-Q1 TI-TPS22995H-Q1 Datasheet
1Mb / 22P
TPS22995H-Q1 5.5-V, 3-A, 16-mΩ On-Resistance Automotive Load Switch
JUNE 2022
TPS22995H-Q1 TI-TPS22995H-Q1_V01 Datasheet
898Kb / 24P
TPS22995H-Q1 5.5-V, 3-A, 19-mΩ On-Resistance Automotive Load Switch
REVISED DECEMBER 2022
TPS22999 TI-TPS22999 Datasheet
1Mb / 26P
TPS22999 4.5-V, 1.5-A, 7.5-mΩ On-Resistance Fast Turn-On Load Switch With Regulated Inrush Current
SEPTEMBER 2023
TPS22999 TI1-TPS22999_V01 Datasheet
877Kb / 27P
TPS22999 4.5-V, 1.5-A, 7.5-mΩ On-Resistance Fast Turn-On Load Switch With Regulated Inrush Current
REVISED NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com