Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS62A01 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS62A01 Datasheet PDF - Texas Instruments
Part # TPS62A01
Download  TPS62A01 Download
File Size   1574.03 Kbytes
Page   23 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS62A0x and TPS62A0xA, 1-A and 2-A High-Efficiency Synchronous Buck Converters in a SOT-563 Package

TPS62A01 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS62A01 Datasheet PDF - Texas Instruments

Part # TPS62A01
Download  TPS62A01 Click to download

File Size   1574.03 Kbytes
Page   23 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS62A0x and TPS62A0xA, 1-A and 2-A High-Efficiency Synchronous Buck Converters in a SOT-563 Package

TPS62A01 Datasheet (HTML) - Texas Instruments


TPS62A01 Product details

1 Features
• 2.5-V to 5.5-V input voltage range
• 0.6-V to VIN adjustable output voltage range
• 180-mΩ and 120-mΩ low RDSON switches (1 A)
• 100-mΩ and 67-mΩ low RDSON switches (2 A)
• < 25-μA quiescent current
• 1% feedback accuracy (0°C to 125°C)
• 100% mode operation
• 2.4-MHz switching frequency
• Power save mode or PWM option available
• Power-good output pin
• Short circuit protection (HICCUP)
• Internal soft start-up
• Active output discharge
• Thermal shutdown protection
• Available in a 1.60-mm × 1.60-mm SOT563
package
• Pin-to-pin compatible with the TLV62585

2 Applications
• Set top box
• TV applications
• IP network camera
• Multi-function printer
• Wireless router, solid state drive
• Battery-powered applications
• General purpose point-of-load supply

3 Description
The TPS62A0x family of devices are synchronous
step-down buck DC-DC converters optimized for high
efficiency and compact solution size. The devices
integrate switches capable of delivering an output
current up to 2 A. At medium to heavy loads, the
devices operate in pulse width modulation (PWM)
mode with 2.4-MHz switching frequency. At light load,
the devices automatically enter power save mode
(PSM) to maintain high efficiency over the entire load
current range. In shutdown, the current consumption
is minimal as well. The TPS62A0xA variants of this
device family operate in forced PWM across the
whole load current range.
The TPS62A0x devices provide an adjustable output
voltage through an external resistor divider. An
internal soft-start circuit limits the inrush current during
start-up. Other features like overcurrent protection,
thermal shutdown protection, and power good are
built-in. The devices are available in a SOT-563
package.




Similar Part No. - TPS62A01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62A01 TI-TPS62A01 Datasheet
1Mb / 20P
TPS62A01/TPS62A01A, 1-A High-Efficiency Synchronous Buck Converter in a SOT563 Package
DECEMBER 2021
TPS62A01 TI-TPS62A01 Datasheet
1Mb / 21P
TPS62A01/TPS62A01A, 1-A High-Efficiency Synchronous Buck Converter in a SOT-5X3 Package
MARCH 2022
TPS62A01 TI-TPS62A01 Datasheet
1Mb / 21P
TPS62A01/TPS62A01A, 1-A High-Efficiency Synchronous Buck Converter in a SOT-5X3 Package
MARCH 2022
TPS62A01 TI-TPS62A01 Datasheet
898Kb / 13P
TPS62A01-Q1, TPS62A01A-Q1 2.5-V to 5.5-V, 1-A Automotive Step-Down Converter in SOT563 Package
FEBRUARY 2023
TPS62A01 TI-TPS62A01 Datasheet
899Kb / 13P
TPS62A01-Q1, TPS62A01A-Q1 2.5-V to 5.5-V, 1-A Automotive Step-Down Converter in SOT563 Package
FEBRUARY 2023
More results


Similar Description - TPS62A01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62568 TI1-TLV62568 Datasheet
725Kb / 21P
1-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569 TI1-TLV62569 Datasheet
648Kb / 19P
2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569 TI1-TLV62569_17 Datasheet
1Mb / 23P
2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569_017 TI1-TLV62569_017 Datasheet
1Mb / 24P
2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62568 TI1-TLV62568_17 Datasheet
1Mb / 26P
1-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569_0017 TI1-TLV62569_0017 Datasheet
1Mb / 25P
2-A High Efficiency Synchronous Buck Converter in SOT Package
TPS62A01 TI-TPS62A01_V01 Datasheet
1Mb / 21P
TPS62A01/TPS62A01A, 1-A High-Efficiency Synchronous Buck Converter in a SOT-5X3 Package
MARCH 2022
TPS62A01 TI-TPS62A01_V02 Datasheet
1Mb / 21P
TPS62A01/TPS62A01A, 1-A High-Efficiency Synchronous Buck Converter in a SOT-5X3 Package
MARCH 2022
TPS562242 TI-TPS562242 Datasheet
1Mb / 25P
TPS562242 3-V to 16-V Input, 2-A Synchronous Buck Converters in SOT-563 Package
DECEMBER 2022
TPS62A01 TI1-TPS62A01_V04 Datasheet
1Mb / 30P
TPS62A0x and TPS62A0xA, 1-A, 2-A High-Efficiency Synchronous Buck Converters in a SOT563 and a SOT23 Package
REVISED DECEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com