Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS22954 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS22954 Datasheet PDF - Texas Instruments
Part # TPS22954
Download  TPS22954 Download
File Size   2967.97 Kbytes
Page   44 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS2295x-Q1 5.7-V, 5-A, 14-mΩ On-Resistance, Automotive Load Switch

TPS22954 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS22954 Datasheet PDF - Texas Instruments

Part # TPS22954
Download  TPS22954 Click to download

File Size   2967.97 Kbytes
Page   44 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS2295x-Q1 5.7-V, 5-A, 14-mΩ On-Resistance, Automotive Load Switch

TPS22954 Datasheet (HTML) - Texas Instruments


TPS22954 Product details

1 Features
• Qualified for automotive applications
• AEC-Q100 qualified:
– Device temperature grade 1: –40°C to 125°C
ambient operating temperature range
• Integrated single channel load switch
• Input voltage range: 0.7 V to 5.7 V
• RON resistance
– RON = 14 mΩ at VIN = 5 V (VBIAS = 5 V)
• 5-A maximum continuous switch current
• Adjustable Undervoltage Lockout Threshold
(UVLO)
• Adjustable voltage supervisor with
Power Good (PG) indicator
• Adjustable output slew rate control
• Enhanced quick output discharge remains active
after power is removed (TPS22954-Q1 only)
– 15 Ω (typ.) discharges 100 μF within 10 ms
• Reverse current blocking when disabled
(TPS22953-Q1 only)
• Automatic restart after supervisor fault detection
when enabled
• Thermal shutdown
• Low quiescent current ≤ 50 μA
• SON 10-pin package with thermal pad
• ESD performance tested per JESD 22
– 2-kV HBM and 750-V CDM

2 Applications
• Infotainment and cluster head unit
• Automotive cluster display
• ADAS surround view system ECU
• Body control module and gateway

3 Description
The TPS2295x-Q1 are small, single channel load
switches with controlled turn-on. The devices contain
an N-channel MOSFET that can operate over an input
voltage range of 0.7 V to 5.7 V and can support a
maximum continuous current of 5 A.
The integrated adjustable Undervoltage Lockout
(UVLO) and adjustable Power Good (PG) threshold
provides voltage monitoring as well as robust power
sequencing. The adjustable rise-time control of the
device greatly reduces inrush current for a wide
variety of bulk load capacitances, thereby reducing
or eliminating power supply droop. The switch is
independently controlled by an on and off input
(EN), which is capable of interfacing directly with
low-voltage control signals. A 15-Ω on-chip load is
integrated into the device for a quick discharge of the
output when the switch is disabled. The enhanced
Quick Output Discharge (QOD) remains active for a
short time after power is removed from the device to
finish discharging the output.
The TPS2295x-Q1 are available in small, spacesaving
10-SON packages with integrated thermal
pad, allowing for high power dissipation. The device
is characterized for operation over the free-air
temperature range of –40°C to +125°C.




Similar Part No. - TPS22954

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22954 TI1-TPS22954 Datasheet
1Mb / 46P
5.7 V, 5 A, 14 m(ohm) On-Resistance Load Switch
TPS22954 TI-TPS22954 Datasheet
3Mb / 47P
TPS2295x-Q1 5.7-V, 5-A, 14-m廓 On-Resistance, Automotive Load Switch
NOVEMBER 2021
TPS22954 TI2-TPS22954 Datasheet
2Mb / 51P
TPS2295x 5.7 V, 5 A, 14 mΩ On-Resistance Load Switch
REVISED SEPTEMBER 2016
TPS22954-Q1 TI-TPS22954-Q1 Datasheet
3Mb / 47P
TPS2295x-Q1 5.7-V, 5-A, 14-m廓 On-Resistance, Automotive Load Switch
NOVEMBER 2021
TPS22954-Q1 TI2-TPS22954-Q1 Datasheet
2Mb / 51P
TPS2295x 5.7 V, 5 A, 14 mΩ On-Resistance Load Switch
REVISED SEPTEMBER 2016
More results


Similar Description - TPS22954

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22954 TI1-TPS22954 Datasheet
1Mb / 46P
5.7 V, 5 A, 14 m(ohm) On-Resistance Load Switch
TPS22965 TI1-TPS22965_16 Datasheet
1Mb / 31P
5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22975 TI1-TPS22975 Datasheet
1Mb / 28P
5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22976 TI1-TPS22976 Datasheet
1Mb / 32P
5.7-V, 6-A, 14-m(ohm) On-Resistance Dual-Channel Load Switch
TPS22976 TI-TPS22976_V01 Datasheet
1Mb / 32P
TPS22976 5.7-V, 6-A, 14-m廓 On-Resistance Dual-Channel Load Switch
TPS22953-Q1 TI-TPS22953-Q1 Datasheet
3Mb / 47P
TPS2295x-Q1 5.7-V, 5-A, 14-m廓 On-Resistance, Automotive Load Switch
NOVEMBER 2021
TPS22995H-Q1 TI-TPS22995H-Q1 Datasheet
1Mb / 22P
TPS22995H-Q1 5.5-V, 3-A, 16-mΩ On-Resistance Automotive Load Switch
JUNE 2022
TPS22950-Q1 TI-TPS22950-Q1 Datasheet
1Mb / 25P
TPS22950-Q1 5-V, 2.7-A, 34-mΩ Automotive Load Switch With Adjustable Current Limit
SEPTEMBER 2022
TPS22995H-Q1 TI-TPS22995H-Q1_V01 Datasheet
898Kb / 24P
TPS22995H-Q1 5.5-V, 3-A, 19-mΩ On-Resistance Automotive Load Switch
REVISED DECEMBER 2022
TPS22996 TI1-TPS22996 Datasheet
1Mb / 29P
TPS22996 5.5-V, 4-A, 14-mΩ On-Resistance Dual-Channel Load Switch
DECEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com