Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCTF Datasheet (PDF) - Vishay Siliconix

HCTF Datasheet PDF - Vishay Siliconix
Part # HCTF_V01
Download  HCTF Download
File Size   90.66 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Current Thermal Fuse

HCTF Datasheet (PDF)

Go To PDF Page Download Datasheet
HCTF Datasheet PDF - Vishay Siliconix

Part # HCTF_V01
Download  HCTF Click to download

File Size   90.66 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Current Thermal Fuse

HCTF Datasheet (HTML) - Vishay Siliconix


HCTF Product details

FEATURES
• Functioning temperature: F = (235 ± 15) °C
• Holding temperature: H = 160 °C
• Current:  55 A
• Suitable for resistive welding systems
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Automotive
- Fan control units
- ABS
- Diesel glow plug relays
- Diesel pre-heaters
- Electric coolant pumps




Similar Part No. - HCTF_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HCTFCP VISHAY-HCTFCP Datasheet
93Kb / 5P
High Current Thermal Fuse
10-Apr-13
More results


Similar Description - HCTF_V01

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE8070 NTE-NTE8070 Datasheet
20Kb / 1P
Thermal Cutoff (Thermal Fuse)
logo
Vishay Siliconix
HCTF VISHAY-HCTF Datasheet
92Kb / 5P
High Current Thermal Fuse
10-Apr-13
HCTFCP VISHAY-HCTFCP Datasheet
93Kb / 5P
High Current Thermal Fuse
10-Apr-13
logo
PHOENIX CONTACT
2900796 PHOENIX-2900796 Datasheet
54Kb / 2P
Fuse - THERMAL FUSE TF104
logo
Schurter Inc.
RTS SCHURTER-RTS Datasheet
678Kb / 4P
SMD thermal fuse for high currents
04.01.2022
logo
UN Semiconducctor INC
14D471KTB UNSEMI-14D471KTB Datasheet
422Kb / 2P
Thermal Fuse & MOV (TFMOV)
Revision December 18, 2018
14D511KT UNSEMI-14D511KT Datasheet
512Kb / 2P
Thermal Fuse & MOV (TFMOV)
Revision December 18, 2013
TMOV14D UNSEMI-TMOV14D Datasheet
3Mb / 6P
Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
TMOV20D UNSEMI-TMOV20D Datasheet
3Mb / 6P
Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
TMOV34S UNSEMI-TMOV34S Datasheet
2Mb / 4P
Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com