Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSUB Datasheet (PDF) - Vishay Siliconix

LSUB Datasheet PDF - Vishay Siliconix
Part # LSUB
Download  LSUB Download
File Size   146.37 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ceramic Submount for High Power LED

LSUB Datasheet (PDF)

Go To PDF Page Download Datasheet
LSUB Datasheet PDF - Vishay Siliconix

Part # LSUB
Download  LSUB Click to download

File Size   146.37 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ceramic Submount for High Power LED

LSUB Datasheet (HTML) - Vishay Siliconix


LSUB Product details

FEATURES
• Ultra-low thermal resistance
• Eutectic or epoxy LED die attach pads
• Surface-mounted component assembly

APPLICATIONS
• High power LED for automotive, industrial and home
applications
• High power laser diodes for industrial applications




Similar Part No. - LSUB

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
LSU RUBYCON-LSU Datasheet
175Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Honeywell Solid State E...
LSU1A HONEYWELL-LSU1A Datasheet
11Mb / 38P
MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
LSU1E HONEYWELL-LSU1E Datasheet
11Mb / 38P
MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
logo
Siemens Semiconductor G...
LSU260 SIEMENS-LSU260 Datasheet
376Kb / 7P
Mini LED 1 mm LED, Diffused
LSU260-EO SIEMENS-LSU260-EO Datasheet
376Kb / 7P
Mini LED 1 mm LED, Diffused
More results


Similar Description - LSUB

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
SES9-940-01 BOOKHAM-SES9-940-01 Datasheet
627Kb / 4P
9W 940nm High Power Single Emitter Laser Diode on Submount
SES8-915-01 BOOKHAM-SES8-915-01 Datasheet
645Kb / 4P
8W/7W 9xxnm High Power Single Emitter Laser Diode on Submount
logo
P-tec Corporation
PL0066-WCB22 P-TEC-PL0066-WCB22 Datasheet
29Kb / 1P
SMD High Power LED Ceramic Package
PL0066-WCG46 P-TEC-PL0066-WCG46 Datasheet
29Kb / 1P
SMD High Power LED Ceramic Package
PL0066-WCR33 P-TEC-PL0066-WCR33 Datasheet
29Kb / 1P
SMD High Power LED Ceramic Package
PL0066-WCW25 P-TEC-PL0066-WCW25 Datasheet
34Kb / 1P
SMD High Power LED Ceramic Package
PL0066-WCWW25 P-TEC-PL0066-WCWW25 Datasheet
34Kb / 1P
SMD High Power LED Ceramic Package
PL0066-WCY02 P-TEC-PL0066-WCY02 Datasheet
29Kb / 1P
SMD High Power LED Ceramic Package
logo
OSRAM GmbH
KWC2L5L1.TE OSRAM-KWC2L5L1.TE Datasheet
980Kb / 21P
OSLON Submount CL
logo
Shanghai Toplite Techno...
A-HR511W-AC15-1W-STAR TOPLITE-A-HR511W-AC15-1W-STAR Datasheet
119Kb / 3P
FOR 1W HIGH-POWER LED
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com