Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEPIC Datasheet (PDF) - Vishay Siliconix

MEPIC Datasheet PDF - Vishay Siliconix
Part # MEPIC
Download  MEPIC Download
File Size   93.74 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Massive Electro-Pyrotechnic Initiator Chip Resistor

MEPIC Datasheet (PDF)

Go To PDF Page Download Datasheet
MEPIC Datasheet PDF - Vishay Siliconix

Part # MEPIC
Download  MEPIC Click to download

File Size   93.74 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Massive Electro-Pyrotechnic Initiator Chip Resistor

MEPIC Datasheet (HTML) - Vishay Siliconix


MEPIC Product details

FEATURES
• Surface mount design for standard assembly
process
• SMD version only
• Active area designed upon performances
• Case size 0805
• Firing energy down to 1.0 mJ (1)
• Firing time down to 250 μs
• Ohmic value: 2 Ω to 8 Ω ± 10 % (typical) (2)
• Joule effect ignition
• Easy set up by design of firing levels
• Very predictable, reproducible and reliable behavior
• Compatibility with pyrotechnic element has to be tested in
real environment
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Notes
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details
(1) Ignitor performances are dependent on both pyrotechnic primer
chemistry and active areas geometry
(2) For ohmic value < 3 Ω the tolerance will be discussed with Vishay
Sfernice




Similar Part No. - MEPIC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MEPIA VISHAY-MEPIA Datasheet
115Kb / 4P
Massive Electro-Pyrotechnic Initiator AEC-Q200 Qualified Resistor ChipS
08-Feb-2019
MEPIA0805-2ROIHT09 VISHAY-MEPIA0805-2ROIHT09 Datasheet
115Kb / 4P
Massive Electro-Pyrotechnic Initiator AEC-Q200 Qualified Resistor ChipS
08-Feb-2019
MEPIA0805-2ROILT09 VISHAY-MEPIA0805-2ROILT09 Datasheet
115Kb / 4P
Massive Electro-Pyrotechnic Initiator AEC-Q200 Qualified Resistor ChipS
08-Feb-2019
MEPIA0805-2ROKHT09 VISHAY-MEPIA0805-2ROKHT09 Datasheet
115Kb / 4P
Massive Electro-Pyrotechnic Initiator AEC-Q200 Qualified Resistor ChipS
08-Feb-2019
MEPIA0805-2ROKLT09 VISHAY-MEPIA0805-2ROKLT09 Datasheet
115Kb / 4P
Massive Electro-Pyrotechnic Initiator AEC-Q200 Qualified Resistor ChipS
08-Feb-2019
More results


Similar Description - MEPIC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CR0402 BOURNS-CR0402 Datasheet
172Kb / 3P
Chip Resistor
logo
Vishay Siliconix
EPIC VISHAY-EPIC Datasheet
86Kb / 3P
Electro-Pyrotechnic Initiator Chip Resistor
03-Nov-08
logo
ams AG
AS3911 AMSCO-AS3911 Datasheet
1Mb / 149P
NFC Initiator / HF Reader IC
logo
Bourns Electronic Solut...
CRL2512 BOURNS-CRL2512 Datasheet
123Kb / 1P
Chip resistor
CR0201 BOURNS-CR0201 Datasheet
206Kb / 2P
Chip Resistor
logo
ams AG
AS3911B AMSCO-AS3911B Datasheet
1Mb / 155P
NFC Initiator / HF Reader IC
logo
List of Unclassifed Man...
R9-NBC-LXLK-GP ETC2-R9-NBC-LXLK-GP Datasheet
223Kb / 2P
Massive 230mm Laptop Cooling Pad
logo
Xilinx, Inc
DS208 XILINX-DS208 Datasheet
318Kb / 13P
LogiCORE IP Initiator/Target
logo
Pepperl+Fuchs Inc.
1-1350 PF-1-1350 Datasheet
245Kb / 1P
Initiator tester
logo
Vishay Siliconix
MEPIA VISHAY-MEPIA Datasheet
115Kb / 4P
Massive Electro-Pyrotechnic Initiator AEC-Q200 Qualified Resistor ChipS
08-Feb-2019
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com