Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1065C5 Datasheet (PDF) - Infineon Technologies AG

AD1065C5 Datasheet PDF - Infineon Technologies AG
Part # AD1065C5
Download  AD1065C5 Download
File Size   844.27 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 650V/10A Silicon Carbide Schottky Diode in TO247-3 CoolSiC™ Automotive Schottky Diode 650V G5

AD1065C5 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1065C5 Datasheet PDF - Infineon Technologies AG

Part # AD1065C5
Download  AD1065C5 Click to download

File Size   844.27 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 650V/10A Silicon Carbide Schottky Diode in TO247-3 CoolSiC™ Automotive Schottky Diode 650V G5

AD1065C5 Datasheet (HTML) - Infineon Technologies AG


AD1065C5 Product details

Features
 Revolutionary semiconductor material - Silicon Carbide
 Benchmark switching behavior
 No reverse recovery/ No forward recovery
 Temperature independent switching behavior
 High surge current capability
 Pb-free lead plating; RoHS compliant
 Junction Temperature range from -40°C to 175°C
 System efficiency improvement over Si diodes
 System cost / size savings due to reduced cooling requirements

Description
The 5th Generation CoolSiC™ Automotive Schottky Diode represents Infineon leading edge technology for
Silicon Carbide Schottky Barrier diodes. Thanks to a compact design and a technology based on thin wafers,
this family of products shows improved efficiency over all load conditions resulting from both its thermal
characteristics and low figure of merit (Qc x Vf). This product family has been designed to complement
Infineon’s IGBT and CoolMOS™ portfolio. This ensures meeting the most stringent application requirements in
the 650V voltage class.
 Enabling higher frequency / increased power density solutions
 Higher system reliability due to lower operating temperatures
 Reduced EMI

Potential Applications
 Traction inverter
 Booster / DCDC Converter
 On board Charger / PFC





Similar Part No. - AD1065C5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD106-00 ETC2-AD106-00 Datasheet
159Kb / 12P
Package Drawings and Specifications
logo
Analog Devices
AD10677 AD-AD10677 Datasheet
643Kb / 10P
16-Bit, 65 MSPS A/D Converter
12/03-Data sheet changed from REV. A to REV.B
AD10677/PCB AD-AD10677/PCB Datasheet
643Kb / 10P
16-Bit, 65 MSPS A/D Converter
12/03-Data sheet changed from REV. A to REV.B
AD10677BWS AD-AD10677BWS Datasheet
643Kb / 10P
16-Bit, 65 MSPS A/D Converter
12/03-Data sheet changed from REV. A to REV.B
AD10677PCB AD-AD10677PCB Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results


Similar Description - AD1065C5

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SC3S06510A RECTRON-SC3S06510A Datasheet
384Kb / 5P
650V/10ASiliconCarbidePowerSchottkyBarrierDiode
SC3S06540B RECTRON-SC3S06540B Datasheet
255Kb / 5P
650V/40A Silicon Carbide Schottky Diode
SC3S06506F RECTRON-SC3S06506F Datasheet
1Mb / 5P
650V/6A Silicon Carbide Schottky Diode
2021 -04 /110 REV:O
logo
Infineon Technologies A...
AIDW12S65C5 INFINEON-AIDW12S65C5 Datasheet
843Kb / 11P
650V/12A Silicon Carbide Schottky Diode in TO247-3 CoolSiC™ Automotive Schottky Diode 650V G5
V3.0 26.11.2018
AIDW16S65C5 INFINEON-AIDW16S65C5 Datasheet
839Kb / 11P
650V/16A Silicon Carbide Schottky Diode in TO247-3 CoolSiC™ Automotive Schottky Diode 650V G5
V3.0 26.11.2018
AIDW20S65C5 INFINEON-AIDW20S65C5 Datasheet
847Kb / 11P
650V/20A Silicon Carbide Schottky Diode in TO247-3 CoolSiC™ Automotive Schottky Diode 650V G5
V3.0 26.11.2018
AIDW30S65C5 INFINEON-AIDW30S65C5 Datasheet
839Kb / 11P
650V/30A Silicon Carbide Schottky Diode in TO247-3 CoolSiC™ Automotive Schottky Diode 650V G5
V3.0 26.11.2018
AIDW40S65C5 INFINEON-AIDW40S65C5 Datasheet
847Kb / 11P
650V/40A Silicon Carbide Schottky Diode in TO247-3 CoolSiC™ Automotive Schottky Diode 650V G5
IDDD06G65C6 INFINEON-IDDD06G65C6 Datasheet
609Kb / 9P
6th Generation CoolSiC™ 650V SiC Schottky Diode
Rev. 2.0, 2018-02-06
AIDK16S65C5 INFINEON-AIDK16S65C5 Datasheet
753Kb / 11P
650V/16A Silicon Carbide Schottky Diode in D2PAK (Real 2 Pins) CoolSiC™ Automotive Schottky Diode 650V G5
V3.0 21.07.2021
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com