Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM1412 Datasheet (PDF) - California Micro Devices Corp

CM1412 Datasheet PDF - California Micro Devices Corp
Part # CM1412
Download  CM1412 Download
File Size   281.23 Kbytes
Page   6 Pages
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp
Description 2 Channel Headset Microphone EMI Filter with ESD Protection

CM1412 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1412 Datasheet PDF - California Micro Devices Corp

Part # CM1412
Download  CM1412 Click to download

File Size   281.23 Kbytes
Page   6 Pages
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp
Description 2 Channel Headset Microphone EMI Filter with ESD Protection

CM1412 Datasheet (HTML) - California Micro Devices Corp


CM1412 Product details

Product Description

The CM1412 is a dual low-pass filter array integrating two pi-style filters (C-R-C) that reduce EMI/RFI emis sions while at the same time providing ESD protection. This part is custom-designed to interface with a micro phone port on a cellular telephone or similar device. Each high quality filter provides more than 35dB atten uation in the 800-2700 MHz range. These pi-style filters support bidirectional filtering, controlling EMI both to and from a microphone element. They also support AC signals, enabling audio signals to pass through without distortion.



Features

• Functionally and pin compatible with CMD’s CSPEMI202A

• OptiGuard™ coated for improved reliability at assembly

• Two channels of EMI filtering

• Pi-style EMI filters in a capacitor-resistor-capacitor (C-R-C) network

• Greater than 40dB attenuation at 1GHz

• +8kV ESD protection on each channel (IEC 61000-4-2 Level 4, contact discharge)

• +15kV ESD protection on each channel (HBM)

• Supports AC signals—ideal for audio applications

• Chip Scale Package features extremely low lead inductance for optimum filter and ESD performance

• 5-bump, 0.930mm X 1.410mm footprint Chip Scale Package (CSP)

• Lead-free version available



Applications

• EMI filtering and ESD protection for headset microphone ports

• Wireless Handsets

• Handheld PCs / PDAs

• MP3 Players

• Digital Camcorders

• Notebooks

• Desktop PCs



 




Similar Part No. - CM1412

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1412 ONSEMI-CM1412 Datasheet
219Kb / 9P
2-Channel Headset/Microphone EMI Filter Array with ESD Protection
April 2010 Rev. 3
CM1412-03CP ONSEMI-CM1412-03CP Datasheet
219Kb / 9P
2-Channel Headset/Microphone EMI Filter Array with ESD Protection
April 2010 Rev. 3
More results


Similar Description - CM1412

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CSPEMI201A CALMIRCO-CSPEMI201A Datasheet
607Kb / 6P
2 Channel Headset Speaker EMI Filter with ESD Protection
CSPEMI202A CALMIRCO-CSPEMI202A Datasheet
615Kb / 6P
2 Channel Headset Microphone EMI Filter with ESD Protection
CM1411 CALMIRCO-CM1411 Datasheet
373Kb / 6P
2 Channel Headset/Speaker EMI Filter with ESD Protection
CM1414 CALMIRCO-CM1414 Datasheet
259Kb / 6P
2 Channel Headset EMI Filter with ESD Protection
CSPEMI204 CALMIRCO-CSPEMI204 Datasheet
254Kb / 6P
2 Channel Headset EMI Filter with ESD Protection
logo
ON Semiconductor
CM1411 ONSEMI-CM1411 Datasheet
208Kb / 9P
2-Channel Headset/Speaker EMI Filter Array with ESD Protection
April 2010 Rev. 3
CM1412 ONSEMI-CM1412 Datasheet
219Kb / 9P
2-Channel Headset/Microphone EMI Filter Array with ESD Protection
April 2010 Rev. 3
CSPEMI201AG ONSEMI-CSPEMI201AG Datasheet
208Kb / 9P
2 Channel Headset Speaker EMI Filter with ESD Protection
April 2010 Rev. 3
CSPEMI202AG ONSEMI-CSPEMI202AG Datasheet
230Kb / 9P
2 Channel Headset Microphone EMI Filter with ESD Protection
April 2010 Rev. 3
CSPEMI205G ONSEMI-CSPEMI205G Datasheet
271Kb / 9P
3-Channel Headset Microphone EMI Filter with ESD Protection
April 2010 Rev. 3
More results




About California Micro Devices Corp


California Micro Devices Corp (CMD) was a semiconductor company that was headquartered in Milpitas, California, USA. The company specialized in the design and manufacture of protection devices, interface products, and mixed-signal integrated circuits for the consumer, computing, and communications markets.

CMD's products included ESD (Electrostatic Discharge) protection devices, TVS (Transient Voltage Suppression) diodes, and low-capacitance EMI (Electromagnetic Interference) filters. These products were used to protect electronic circuits from damage caused by electrostatic discharge, voltage transients, and electromagnetic interference.

CMD was founded in 1986 and became a publicly-traded company in 1993. In 2012, CMD was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions. Today, many of CMD's products are sold under ON Semiconductor's brand.

Overall, CMD was a trusted and reputable supplier of protection devices and interface products, with a strong reputation for quality and reliability.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com