Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D4012C5 Datasheet (PDF) - Infineon Technologies AG

D4012C5 Datasheet PDF - Infineon Technologies AG
Part # D4012C5
Download  D4012C5 Download
File Size   1074.29 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 5th Generation CoolSiCTM 1200V Schottky Diode

D4012C5 Datasheet (PDF)

Go To PDF Page Download Datasheet
D4012C5 Datasheet PDF - Infineon Technologies AG

Part # D4012C5
Download  D4012C5 Click to download

File Size   1074.29 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 5th Generation CoolSiCTM 1200V Schottky Diode

D4012C5 Datasheet (HTML) - Infineon Technologies AG


D4012C5 Product details

Features
 No reverse recovery current / no forward recovery
 High surge current capability
 Temperature independent switching behaviour
 Low forward voltage even at high operating temperature
 Tight forward voltage distribution
 Specified dv/dt ruggedness
 Pb-free lead plating; RoHS compliant

Description
 System efficiency improvement over Si diodes
 Enabling higher frequency / increased power density solutions
 System size/cost savings due to reduced heatsink requirements and smaller magnetics
 Reduced EMI
 Highest efficiency across the entire load range
 Robust diode operation during surge events
 High reliability
 Related Links: www.infineon.com/SiC




Similar Part No. - D4012C5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
D4015L LITTELFUSE-D4015L Datasheet
103Kb / 4P
Teccor manufactures 15 A rms to 25 A rms rectifiers with voltages rated from 200V to 1000V
D4015L LITTELFUSE-D4015L Datasheet
598Kb / 5P
Silicon rectifiers that are excellent for DC phase control applications with motor loads.
D4015L LITTELFUSE-D4015L Datasheet
109Kb / 4P
Teccor manufactures 15 A rms to 25 A rms rectifiers
D4015L52 LITTELFUSE-D4015L52 Datasheet
151Kb / 10P
Lead Form Dimensions
D4015L56 LITTELFUSE-D4015L56 Datasheet
109Kb / 4P
Teccor manufactures 15 A rms to 25 A rms rectifiers
More results


Similar Description - D4012C5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDK02G120C5 INFINEON-IDK02G120C5 Datasheet
1Mb / 12P
5th Generation CoolSiCTM 1200V Schottky Diode SiC Diode
V 2.1 2021-07-14
IDK05G120C5 INFINEON-IDK05G120C5 Datasheet
998Kb / 12P
5th Generation CoolSiCTM 1200V Schottky Diode
V 2.1 2021-07-14
IDK08G120C5 INFINEON-IDK08G120C5 Datasheet
1Mb / 12P
5th Generation CoolSiCTM 1200V Schottky Diode
V 2.1 2021-07-14
IDK10G120C5 INFINEON-IDK10G120C5 Datasheet
1Mb / 12P
5th Generation CoolSiCTM 1200V Schottky Diode
V 2.1 2021-07-14
IDK16G120C5 INFINEON-IDK16G120C5 Datasheet
1Mb / 12P
5th Generation CoolSiCTM 1200V Schottky Diode
V 2.1 2021-07-14
IDK20G120C5 INFINEON-IDK20G120C5 Datasheet
1Mb / 12P
5th Generation CoolSiCTM 1200V Schottky Diode
V 2.1 2021-07-14
IDWD10G120C5 INFINEON-IDWD10G120C5 Datasheet
1Mb / 12P
5th Generation CoolSiCTM 1200V Schottky Diode
V 2.1 2021-03-01
IDWD15G120C5 INFINEON-IDWD15G120C5 Datasheet
1Mb / 12P
5th Generation CoolSiCTM 1200V Schottky Diode
V 2.1 2021-03-01
IDWD20G120C5 INFINEON-IDWD20G120C5 Datasheet
1Mb / 12P
5th Generation CoolSiCTM 1200V Schottky Diode
V 2.1 2021-03-01
IDWD30G120C5 INFINEON-IDWD30G120C5 Datasheet
1Mb / 12P
5th Generation CoolSiCTM 1200V Schottky Diode
V 2.1 2021-03-01
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com