Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLB9645XT1.2 Datasheet (PDF) - Infineon Technologies AG

SLB9645XT1.2 Datasheet PDF - Infineon Technologies AG
Part # SLB9645XT1.2
Download  SLB9645XT1.2 Download
File Size   469.17 Kbytes
Page   20 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OPTIGA™ TPM

SLB9645XT1.2 Datasheet (PDF)

Go To PDF Page Download Datasheet
SLB9645XT1.2 Datasheet PDF - Infineon Technologies AG

Part # SLB9645XT1.2
Download  SLB9645XT1.2 Click to download

File Size   469.17 Kbytes
Page   20 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OPTIGA™ TPM

SLB9645XT1.2 Datasheet (HTML) - Infineon Technologies AG


SLB9645XT1.2 Product details

Key Features
• Compliant to TPM Main Specification, Version 1.2, Rev. 116 (see [1])
• I2C interface
• Approved for Google Chromebook / Chromebox
• Standard (-20°C to +85°C) and enhanced temperature range (-40°C to +85°C)
• PG-VQFN-32-13 or PG-TSSOP-28-2 package
• Optimized for battery operated devices: low standby power consumption (typ. 150μA)
• 24 PCRs
• 6 kByte free NV memory
• Up to 10 concurrent sessions
• Up to eight 2048-bit keys can be loaded into volatile storage
• 16 slots for keys of up to 2048-bit
• 8 monotonic counters
• 1280 Byte I/O buffer
• Built-in support by Linux Kernel




Similar Part No. - SLB9645XT1.2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLB9645XT1.2 INFINEON-SLB9645XT1.2 Datasheet
1Mb / 20P
Trusted Platform Module
Rev. 1.1, 2014-02-12
More results


Similar Description - SLB9645XT1.2

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IMB206 AXIOMTEK-IMB206 Datasheet
218Kb / 1P
TPM supported
IMB208 AXIOMTEK-IMB208 Datasheet
216Kb / 1P
TPM 1.2 supported
logo
AAEON Technology
GENE-BT06 AAEON-GENE-BT06 Datasheet
334Kb / 2P
supports tpm
IMBM-Q170A AAEON-IMBM-Q170A Datasheet
375Kb / 2P
tpm support
logo
Infineon Technologies A...
32AIA010MH INFINEON-32AIA010MH Datasheet
902Kb / 40P
OPTIGA??Trust M
Revision 3.10 2020-09-24
SLB9660TPM1.2 INFINEON-SLB9660TPM1.2 Datasheet
487Kb / 23P
OPTIGA™ TPM
Revision 1.2 2018-09-21
SLB9672TPM2.0 INFINEON-SLB9672TPM2.0 Datasheet
517Kb / 21P
OPTIGA™ TPM
Revision 1.0 2022-01-20
SLB9673TPM2.0 INFINEON-SLB9673TPM2.0 Datasheet
564Kb / 22P
OPTIGA™ TPM
Revision 1.1 2022-07-08
SLS32AIA020U23 INFINEON-SLS32AIA020U23 Datasheet
1Mb / 37P
OPTIGA™ Trust Charge
AN235196 INFINEON-AN235196 Datasheet
303Kb / 11P
Provisioning OPTIGA™ Trust Charge for WLC transmitters
Rev. 2022-05-02
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com