Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPM25361V-24R-R62S Datasheet (PDF) - Eaton All Rights Reserved.

EPM25361V-24R-R62S Datasheet PDF - Eaton All Rights Reserved.
Part # EPM25361V-24R-R62S
Download  EPM25361V-24R-R62S Download
File Size   1186.62 Kbytes
Page   9 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description 15 Watt isolated DC-DC converter

EPM25361V-24R-R62S Datasheet (PDF)

Go To PDF Page Download Datasheet
EPM25361V-24R-R62S Datasheet PDF - Eaton All Rights Reserved.

Part # EPM25361V-24R-R62S
Download  EPM25361V-24R-R62S Click to download

File Size   1186.62 Kbytes
Page   9 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description 15 Watt isolated DC-DC converter

EPM25361V-24R-R62S Datasheet (HTML) - Eaton All Rights Reserved.


EPM25361V-24R-R62S Product details

Product features
• 15 Watt isolated DC-DC converter
• Input voltage: 9 Vdc - 36 Vdc
18 Vdc - 75 Vdc
• Efficiency up to 90%
• Isolation voltage: 1.6 kVdc
• 1.0” x 1.0 “ package
• Operating ambient temperature from
-40 °C to +105 °C
• No minimum load required
• EMI class A without external circuit
• Remote On/OFF
• IEC62368-1/ EN55032&35 certified

Applications
• Computing/telecom
• Distributed power architectures
• Servers and workstations
• LAN / WAN applications
• Data processing applications
• Industrial IoT equipment, sensors
• Power supply, battery backup
• Wireless TX/RX modules
• Renewable energy products




Similar Part No. - EPM25361V-24R-R62S

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
EPM25362V-05R-12RS EATON-EPM25362V-05R-12RS Datasheet
1Mb / 10P
60 Watt isolated DC-DC converter
March 2022
EPM25362V-12R-2R5D EATON-EPM25362V-12R-2R5D Datasheet
1Mb / 10P
60 Watt isolated DC-DC converter
March 2022
EPM25362V-12R-5R0S EATON-EPM25362V-12R-5R0S Datasheet
1Mb / 10P
60 Watt isolated DC-DC converter
March 2022
EPM25362V-15R-2R0D EATON-EPM25362V-15R-2R0D Datasheet
1Mb / 10P
60 Watt isolated DC-DC converter
March 2022
EPM25362V-15R-4R0S EATON-EPM25362V-15R-4R0S Datasheet
1Mb / 10P
60 Watt isolated DC-DC converter
March 2022
More results


Similar Description - EPM25361V-24R-R62S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4100-48V TI-PT4100-48V Datasheet
194Kb / 3P
48V 15 WATT ISOLATED DC-DC CONVERTER
SLTS021A TI-SLTS021A Datasheet
173Kb / 3P
15 Watt Isolated DC-DC Converter
logo
AIMTEC
AM15EW-Z AIMTEC-AM15EW-Z Datasheet
251Kb / 3P
15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z_13 Datasheet
265Kb / 3P
15 Watt | DC-DC Converter
AM20EW-NZ AIMTEC-AM20EW-NZ Datasheet
199Kb / 4P
15 Watt | DC-DC Converter
logo
Bothhand USA, LP.
B7-LF-SERIES BOTHHAND-B7-LF-SERIES Datasheet
818Kb / 8P
10 To 15 Watt Isolated DC-DC Converter
F7-LF-SERIES BOTHHAND-F7-LF-SERIES Datasheet
805Kb / 7P
15 Watt Isolated DC-DC Converter
F7W-LF-SERIES BOTHHAND-F7W-LF-SERIES Datasheet
762Kb / 6P
15 Watt Isolated DC-DC Converter
F7LF BOTHHAND-F7LF Datasheet
805Kb / 7P
15 Watt Isolated DC-DC Converter
F7WLF BOTHHAND-F7WLF Datasheet
762Kb / 6P
15 Watt Isolated DC-DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com