Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1129HB Datasheet (PDF) - Renesas Technology Corp

F1129HB Datasheet PDF - Renesas Technology Corp
Part # F1129HB
Download  F1129HB Download
File Size   2084.91 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 50Ω SE-In – 100Ω DIFF-Out Amplifier 3.0GHz to 4.2GHz

F1129HB Datasheet (PDF)

Go To PDF Page Download Datasheet
F1129HB Datasheet PDF - Renesas Technology Corp

Part # F1129HB
Download  F1129HB Click to download

File Size   2084.91 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 50Ω SE-In – 100Ω DIFF-Out Amplifier 3.0GHz to 4.2GHz

F1129HB Datasheet (HTML) - Renesas Technology Corp


F1129HB Product details

Features
RF range: 3.0GHz to 4.2GHz
Gain = 19dB at 3.55GHz
Noise figure = 1.8dB at 3.55GHz
OIP3 = +32dBm at 3.55GHz
Output P1dB = +18dBm at 3.55GHz
Gain variation over temperature = ±0.15dB typical
50Ω single-ended input impedances
100Ω differential output impedances
3.3V or 5V power supply
ICC = 60mA at 5V
1.3mA standby current
1.8V and 3.3V logic support for STBY control
Operating temperature (TEP) range: -40°C to +115°C
2 × 2 mm, 12-DFN package




Similar Part No. - F1129HB

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
F1120 POLYFET-F1120 Datasheet
44Kb / 2P
PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR???
logo
Feinmetall GmbH
F11211B050G040 FEINMETALL-F11211B050G040 Datasheet
108Kb / 1P
Basic Contact Probe
F11212B090G040 FEINMETALL-F11212B090G040 Datasheet
109Kb / 1P
Basic Contact Probe
F11218B053G040 FEINMETALL-F11218B053G040 Datasheet
108Kb / 1P
Basic Contact Probe
logo
Baumer IVO GmbH & Co. K...
F112450KC3B IVO-F112450KC3B Datasheet
551Kb / 4P
Totalizers electromechanic
More results


Similar Description - F1129HB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM6001-SC ETC1-CMM6001-SC Datasheet
393Kb / 4P
60MHz TO 3.0GHz HIGH DYNAMIC RANGE AMPLIFIER
logo
Micrel Semiconductor
SY89871U MICREL-SY89871U_07 Datasheet
163Kb / 10P
2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER
SY89874U MICREL-SY89874U_08 Datasheet
151Kb / 10P
2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER
SY89875U_0708 MICREL-SY89875U_0708 Datasheet
199Kb / 10P
2.5V, 2.0GHz ANY DIFF. IN-TO-LVDS
SY89873L_0708 MICREL-SY89873L_0708 Datasheet
111Kb / 11P
3.3V, 2.0GHz ANY DIFF. IN-TO-LVDS
SY89872U_0708 MICREL-SY89872U_0708 Datasheet
178Kb / 10P
2.5V, 2GHz ANY DIFF. IN-TO-LVDS
logo
TriQuint Semiconductor
TGA4960-SL TRIQUINT-TGA4960-SL_15 Datasheet
132Kb / 1P
100 / 200 Gb/s Quad Diff In / Diff Out Linear Driver
logo
Renesas Technology Corp
F4481 RENESAS-F4481 Datasheet
3Mb / 45P
DIFF-In/SE-Out Quad Path TX DVGA 400MHz to 1100MHz
F4482 RENESAS-F4482 Datasheet
4Mb / 49P
DIFF-In / SE-Out Quad Path TX DVGA 1300MHz to 2800MHz
F1429MB RENESAS-F1429MB Datasheet
2Mb / 21P
100Ω DIFF-In – 50Ω SE-Out Amplifier 3.0GHz to 4.2GHz
January 31, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com