Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT08D-600S Datasheet (PDF) - First Silicon Co., Ltd

BT08D-600S Datasheet PDF - First Silicon Co., Ltd
Part # BT08D-600S
Download  BT08D-600S Download
File Size   1112.24 Kbytes
Page   5 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Bi-Directional Triode Thyristor

BT08D-600S Datasheet (PDF)

Go To PDF Page Download Datasheet
BT08D-600S Datasheet PDF - First Silicon Co., Ltd

Part # BT08D-600S
Download  BT08D-600S Click to download

File Size   1112.24 Kbytes
Page   5 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Bi-Directional Triode Thyristor

BT08D-600S Datasheet (HTML) - First Silicon Co., Ltd


BT08D-600S Product details

Features
• Blocking Voltage to 600 V
• On-State Current Rating of 8A RMS at 100℃
• Uniform Gate Trigger Currents in Three Quadrants
• High Immunity to dV/dt-1500V/us minimum at 125℃
• Minimizes Snubber Networks for Protection
• Industry Standard TO-252 Package
• High Commutating dI/dt- 4.0A/ms minimum at 125℃
• These are Pb-Free Devices




Similar Part No. - BT08D-600S

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
BT08D-600B FS-BT08D-600B Datasheet
1Mb / 5P
Bi-Directional Triode Thyristor
More results


Similar Description - BT08D-600S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT134-F ETC-BT134-F Datasheet
670Kb / 6P
BI- DIRECTIONAL TRIODE THYRISTOR
STF4A60 ETC1-STF4A60 Datasheet
655Kb / 6P
Bi-Directional Triode Thyristor
logo
SemiWell Semiconductor
BT134F SEMIWELL-BT134F Datasheet
651Kb / 6P
Bi-Directional Triode Thyristor
BT138F-600 SEMIWELL-BT138F-600 Datasheet
681Kb / 6P
Bi-Directional Triode Thyristor
STF12A60 SEMIWELL-STF12A60 Datasheet
728Kb / 6P
Bi-Directional Triode Thyristor
BT136-D SEMIWELL-BT136-D Datasheet
605Kb / 5P
Bi-Directional Triode Thyristor
BTA08-600B SEMIWELL-BTA08-600B Datasheet
660Kb / 6P
Bi-Directional Triode Thyristor
BTA12-600B SEMIWELL-BTA12-600B Datasheet
643Kb / 6P
Bi-Directional Triode Thyristor
STR2A60 SEMIWELL-STR2A60 Datasheet
487Kb / 5P
Bi-Directional Triode Thyristor
STR4A80 SEMIWELL-STR4A80 Datasheet
601Kb / 6P
Bi-Directional Triode Thyristor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com