Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD1E10B09DPYR Datasheet (PDF) - First Silicon Co., Ltd

FPD1E10B09DPYR Datasheet PDF - First Silicon Co., Ltd
Part # FPD1E10B09DPYR
Download  FPD1E10B09DPYR Download
File Size   680.16 Kbytes
Page   4 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description 2-Channel ESD Protection for Super-Speed USB 3.0 Interface

FPD1E10B09DPYR Datasheet (PDF)

Go To PDF Page Download Datasheet
FPD1E10B09DPYR Datasheet PDF - First Silicon Co., Ltd

Part # FPD1E10B09DPYR
Download  FPD1E10B09DPYR Click to download

File Size   680.16 Kbytes
Page   4 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description 2-Channel ESD Protection for Super-Speed USB 3.0 Interface

FPD1E10B09DPYR Datasheet (HTML) - First Silicon Co., Ltd


FPD1E10B09DPYR Product details

Features
Low operating voltage : ±9V
Ultra low Capacitance: 8pF typical
Ultra low Leakage : ㎁ level
Low clamping voltage
2-pin leadless package
Complies with followingstandards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±20kV
Contact discharge:±15kV
– IEC 61000-4-5 Surge 5A(8/20us)
ROHSCompliant

Applications
Cellular Handsets & Accessories
Personal Digital Assitants
Display Port
MDDI Port
Audio Players
PCI Express
Serial ATA




Similar Part No. - FPD1E10B09DPYR

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
FPD1 ISOCOM-FPD1 Datasheet
625Kb / 2P
Computer terminals
FPD1 ISOCOM-FPD1 Datasheet
278Kb / 6P
Computer terminals
logo
Filtronic Compound Semi...
FPD10000AF FILTRONIC-FPD10000AF Datasheet
185Kb / 3P
10W PACKAGED POWER PHEMT
FPD10000V FILTRONIC-FPD10000V Datasheet
240Kb / 3P
10W POWER PHEMT FOR WIMAX POWER AMPLIFIERS
FPD1000AS FILTRONIC-FPD1000AS Datasheet
533Kb / 8P
1W PACKAGED POWER PHEMT
More results


Similar Description - FPD1E10B09DPYR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DSILC6-4XX STMICROELECTRONICS-DSILC6-4XX Datasheet
354Kb / 11P
ESD Protection for high speed interface
28-May-2007
ESDALC6V1-5P6 STMICROELECTRONICS-ESDALC6V1-5P6 Datasheet
246Kb / 8P
ESD protection for high speed interface
15-Nov-2007
ESDAULC6-3BP6 STMICROELECTRONICS-ESDAULC6-3BP6 Datasheet
304Kb / 11P
ESD protection for high speed interface
03-Jul-2007
logo
Texas Instruments
TPD2EUSB30 TI-TPD2EUSB30 Datasheet
958Kb / 10P
2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30_1 Datasheet
1Mb / 13P
2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30_2 Datasheet
1Mb / 15P
2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30_1012 TI1-TPD2EUSB30_1012 Datasheet
1Mb / 16P
2, 4-CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
DECEMBER2010
logo
First Silicon Co., Ltd
FPD2EUSB30ADRTR FS-FPD2EUSB30ADRTR Datasheet
333Kb / 4P
2-Channel ESD Protection for Super-Speed USB 3.0 Interface
2022. 06. 24 Revision No : 0
FPD2EUSB30DRTR FS-FPD2EUSB30DRTR Datasheet
434Kb / 4P
2-Channel ESD Protection for Super-Speed USB 3.0 Interface
2022. 06. 24 Revision No : 0
logo
TECH PUBLIC Electronics...
TPD2EUSB30DRTR-TP TECHPUBLIC-TPD2EUSB30DRTR-TP Datasheet
2Mb / 4P
2-Channel ESD Protection for Super-Speed USB 3.0 Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com