Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTV0571PA Datasheet (PDF) - First Silicon Co., Ltd

FTV0571PA Datasheet PDF - First Silicon Co., Ltd
Part # FTV0571PA
Download  FTV0571PA Download
File Size   591.01 Kbytes
Page   4 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description 1-Line Uni-directional TVS Diode

FTV0571PA Datasheet (PDF)

Go To PDF Page Download Datasheet
FTV0571PA Datasheet PDF - First Silicon Co., Ltd

Part # FTV0571PA
Download  FTV0571PA Click to download

File Size   591.01 Kbytes
Page   4 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description 1-Line Uni-directional TVS Diode

FTV0571PA Datasheet (HTML) - First Silicon Co., Ltd


FTV0571PA Product details

Features
800W peak pulse power (8/20U s)
Low leakage: nA leve l
Low operating voltage: 5V
Ultra Low Leakage:nA Level
Ultra low clamping voltage
One power line protec ts
Complies with following standard s:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
– IEC61000-4-5 (Lightning) 85A (8/20μs )
RoHS Compliant

Applications
Power Manageme nt
Industrial Application
Power Supply Protectio n
Many other portable devic es




Similar Part No. - FTV0571PA

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTV05B-0603 FS-FTV05B-0603 Datasheet
559Kb / 6P
Bi-direction ESD Protection Diode
FTV05BAUL2 FS-FTV05BAUL2 Datasheet
418Kb / 3P
Transient Voltage Suppressors for ESD Protection General Description
FTV05BCSOT883 FS-FTV05BCSOT883 Datasheet
396Kb / 4P
ESD PROTECTION DIODE
FTV05BDFN0603 FS-FTV05BDFN0603 Datasheet
392Kb / 3P
ESD PROTECTION DIODE
FTV05BE FS-FTV05BE Datasheet
251Kb / 4P
Transient Voltage Suppressors for ESD Protection
More results


Similar Description - FTV0571PA

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LTVS16H12T5G LRC-LTVS16H12T5G Datasheet
138Kb / 4P
1- Line Uni- directional TVS Diode
logo
Applied Power Microelec...
AU0371P6 APMICRO-AU0371P6 Datasheet
1,011Kb / 7P
1-Line Uni-directional TVS Diode
AU0771D3 APMICRO-AU0771D3 Datasheet
767Kb / 4P
1-Line Uni-directional TVS Diode
AU1501P1 APMICRO-AU1501P1 Datasheet
796Kb / 4P
1-Line Uni-directional TVS Diode
AU2401P1 APMICRO-AU2401P1 Datasheet
737Kb / 4P
1-Line Uni-directional TVS Diode
AU2471P1 APMICRO-AU2471P1 Datasheet
612Kb / 4P
1-Line Uni-directional TVS Diode
AU3601P1 APMICRO-AU3601P1 Datasheet
404Kb / 4P
1-Line Uni-directional TVS Diode
logo
Shanghai Leiditech Elec...
SD0371P6W LEIDITECH-SD0371P6W Datasheet
3Mb / 6P
1-Line Uni-directional TVS Diode
SDA3611DN LEIDITECH-SDA3611DN Datasheet
1Mb / 4P
1-Line Uni-directional TVS Diode
SD2471P6W LEIDITECH-SD2471P6W Datasheet
3Mb / 3P
1-Line Uni-directional TVS Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com